Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 16 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 16 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation 8XC196KB Datasheet HTML 11Page - Intel Corporation 8XC196KB Datasheet HTML 12Page - Intel Corporation 8XC196KB Datasheet HTML 13Page - Intel Corporation 8XC196KB Datasheet HTML 14Page - Intel Corporation 8XC196KB Datasheet HTML 15Page - Intel Corporation 8XC196KB Datasheet HTML 16Page - Intel Corporation 8XC196KB Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AUTOMOTIVE 8XC196KB
The work-around is to wait for the conversion in
progress to finish before starting the second con-
version Polling or an interrupt will detect the con-
version completion
3 If the unsigned divide instruction (word or byte) is
in the queue as HOLD or READY is asserted the
result may be incorrect
TechBit (MC1791)
(B-step only)
DIFFERENCES BETWEEN THE
80C196KA AND THE 80C196KB
The 8XC196KB is identical to 8XC196KA except for
the following differences
1 ALE is high after reset on the 80C196KB instead
of low as on the 80C196KA
2 The DJNZW instruction is not guaranteed to work
on the 80C196KB (A-step only)
3 The HOLD HLDA bus protocol is available on the
80C196KB
CONVERTING FROM OTHER 8096BH
FAMILY PRODUCTS TO THE
80C196KB
The following list of suggestions for designing an
809XBH system will yield a design that is easily con-
verted to the 80C196KB
1 Do not base critical timing loops on instruction or
peripheral execution times
2 Use equate statements to set all timing parame-
ters including the baud rate
3 Do not base hardware timings on CLKOUT or
XTAL1 The timings of the 80C196KB are differ-
ent than those of the 8X9XBH but they will func-
tion with standard ROMEPROMPeripheral type
memory systems
4 Make sure all inputs are tied high or low and not
left floating
5 Indexed and indirect operations relative to the
stack pointer (SP) work differently on the
80C196KB than on the 8096BH On the 8096BH
the address is calculated based on the un-updat-
ed version of the stack pointer The 80C196KB
uses the updated version The offset for POP SP
and POP nn SP instructions may need to be
changed by a count of 2
6 The VPD pin on the 8096BH has changed to a
VSS pin on the 80C196KB
OTHER DESIGN CONSIDERATIONS
(KB B-0 to KB C-1)
1 The NMI pin on the KB ROM (C-1) has a weak
pulldown IIH1 max is 100 mA The KB ROM (B-0)
did not have a pulldown on NMI If KB ROM (B-0)
designs have NMI tied to VCC the NMI pin must
be tied to VSS If NMI is tied to VSS or is floating
it is okay
2 The ALE RD and INST pins on the KB ROM
(C-1) have stronger pullups during RESET than
on the KB ROM (B-0) IIL1 is b7mAonthe KB
ROM (C-1) compared to b12 mA on the KB
ROM (B-0) Designs which pull these pins low to
enter ONCE mode must have strong enough pull-
downs to overcome the pullups
3 Pin on the PLCC package on the KB ROM (B-0)
was the CDE pin That function did not work so
the pin was assigned to VSS On the KB ROM
(C-1) this pin is tied directly to VSS on the device
and MUST be tied to VSS externally
4 Several ACDC specifications have changed
(See Data Sheet Revision History review them
carefully)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com