Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 7 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 7 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 3Page - Intel Corporation 8XC196KB Datasheet HTML 4Page - Intel Corporation 8XC196KB Datasheet HTML 5Page - Intel Corporation 8XC196KB Datasheet HTML 6Page - Intel Corporation 8XC196KB Datasheet HTML 7Page - Intel Corporation 8XC196KB Datasheet HTML 8Page - Intel Corporation 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation 8XC196KB Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AUTOMOTIVE 8XC196KB
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Storage Temperature
b
60 Cto a150 C
Voltage from VPP or EA
to VSS or ANGND
b
05V to a130V
Voltage on Any Pin
to VSS or ANGND
b
05V to a70V
This includes VPP on ROM and CPU devices
Power Dissipation15W
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
TA
Ambient Temperature under Bias
b
40
a
125
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
450
550
V
FOSC
Oscillator Frequency
35
16
MHz
NOTE
ANGND and VSS should be nominally at the same potential
DC CHARACTERISTICS (Under Listed Operating Conditions)
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
ICC
VCC Supply Current
50
70
mA
XTAL1 e 16 MHz
(b40 Cto a125 C Ambient)
VCC e VPP e VREF e 55V
IPD
Powerdown Mode Current
5
m
AVCC e VPP e VREF e 55V
IREF
AD Reference
2
5
mA
XTAL1 e 16 MHz
Supply Current
VCC e VPP e VREF e 55V
IIDLE
Idle Mode Current
10
35
mA
XTAL1 e 16 MHz
VCC e VPP e VREF e 55V
VIL
Input Low Voltage
b
05V
a
08
V
VIH
Input High Voltage(1)
02 VCCa11
VCC a 05
V
VIH1
Input High Voltage on XTAL1
07 VCC
VCC a 05
V
VIH2
Input on High Voltage
26
VCC a 05
V
on RESET
VOL
Output Low Voltage
03
V
IOL e 200 mA
045
V
IOL e 32 mA
15
V
IOL e 70 mA
VOH
Output High Voltage
VCC b 03
V
IOH eb200 mA
(Standard Outputs)
VCC b 07
V
IOH eb32 mA
VCC b 15
V
IOH eb70 mA
VOH1
Output High Voltage
VCC b 03
V
IOH eb15 mA
(Quasi-Bidirectional
VCC b 07
V
IOH eb 30 mA
Outputs)
VCC b 15
V
IOH eb60 mA
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com