Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 5Page - STMicroelectronics AN4402 Datasheet HTML 6Page - STMicroelectronics AN4402 Datasheet HTML 7Page - STMicroelectronics AN4402 Datasheet HTML 8Page - STMicroelectronics AN4402 Datasheet HTML 9Page - STMicroelectronics AN4402 Datasheet HTML 10Page - STMicroelectronics AN4402 Datasheet HTML 11Page - STMicroelectronics AN4402 Datasheet HTML 12Page - STMicroelectronics AN4402 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DocID025557 Rev 1
9/39
AN4402
Active clamp of the L99MC6 and L9733
38
2.2.2
Case 2: VBAT ≥ VCL_LS - VCL_HS
At the turn-off, the evolution of the voltage across the inductor causes an increase of VDS
until VDS = VCL_LS. Then, the gate-drain clamp is activated (see Figure 5), like for a low-side
switch. VDS is maintained at VCL_LS = VZENER_HS + VF + VGS_TH.
Since VS = VBAT - VCL_LS > - VCL_HS, this prevents the activation of the gate-source clamp.
Figure 5. L99MC6 high-side during the turn-off, VBAT > VCL_LS - VCL_HS
Case 2 corresponds to a demagnetization of the inductive load for VBAT ≥ 16 V for the
L99MC6 and for VBAT ≥ 36 V for the L9733.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com