Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 25Page - STMicroelectronics AN4402 Datasheet HTML 26Page - STMicroelectronics AN4402 Datasheet HTML 27Page - STMicroelectronics AN4402 Datasheet HTML 28Page - STMicroelectronics AN4402 Datasheet HTML 29Page - STMicroelectronics AN4402 Datasheet HTML 30Page - STMicroelectronics AN4402 Datasheet HTML 31Page - STMicroelectronics AN4402 Datasheet HTML 32Page - STMicroelectronics AN4402 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
DocID025557 Rev 1
29/39
AN4402
Energy capability and load compatibility
38
Step 1: Calculation of tDEMAG and EDEMAG
The demagnetization energy and the demagnetization time under the conditions listed in
Table 12 are given by Equation 19 and Equation 11:
EDEMAG_LS = 83.6 mJ and tDEMAG_LS = 11.7 ms with VBAT,MAX = 24 V
EDEMAG_LS = 16.6 mJ and tDEMAG_LS = 4.2 ms with VBAT,TYP = 13.5 V
The validity condition of Equation 19 is satisfied since RP > 21 Ω (for VBAT = 24 V) and
RP > 74 Ω (for VBAT = 13.5 V).
Step 2: Maximum energy capability of the L99MC6 at the relevant tDEMAG
Considering the type of output, the relevant diagram of the datasheet is: “Configurable
switch LSD – Maximum turn-off current versus inductance” (Figure 16).
Note:
If the considered output is one of the fixed low-side switches (outputs 4, 5, 6) or one of the
outputs configured as high-side driver, the relevant diagrams are respectively “Fixed LSD
switch – Maximum turn-off current versus inductance” and “Configurable switch HSD–
Maximum turn-off current versus inductance”.
Figure 16. Datasheet L99MC6 - Inductive energy capability of configurable channels,
configured as low-side switch
VBAT,MAX (jump start)
24V
 I
L0 @VBAT,MAX = 0.522A, low probability of occurrence
VBAT,TYP
13.5V
 I
L0 @VBAT,TYP = 0.293A, nominal conditions
Table 12. Application conditions (continued)
Parameter
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com