Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 20Page - STMicroelectronics AN4402 Datasheet HTML 21Page - STMicroelectronics AN4402 Datasheet HTML 22Page - STMicroelectronics AN4402 Datasheet HTML 23Page - STMicroelectronics AN4402 Datasheet HTML 24Page - STMicroelectronics AN4402 Datasheet HTML 25Page - STMicroelectronics AN4402 Datasheet HTML 26Page - STMicroelectronics AN4402 Datasheet HTML 27Page - STMicroelectronics AN4402 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Demagnetization energy
AN4402
24/39
DocID025557 Rev 1
VBAT = 13 V and RP is not considered.
We observe that the EDEMAG_LS increases faster than a square function of VBAT, as
previously anticipated. For example, doubling VBAT from 13 V to 26 V increases EDEMAG_LS
by a factor 5.
A slight additional increase of VBAT to 28.6 V (2.2 x 13 V) increases EDEMAG_LS by a factor
6.35.
Figure 14. Example - Relative EDEMAG_LS to EDEMAG@VBAT=13V versus VBAT/13V (No
parallel resistor)
3.4.3
Example of a high-side configured output of the L99MC6
Table 10. high-side output - conditions
Parameter
Value
L
512mH
RL
46
Ω
RP
400
Ω
VCL_HS
16V (typical value of the L99MC6)
VCL_LS
35V (typical value of the L99MC6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com