Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 17Page - STMicroelectronics AN4402 Datasheet HTML 18Page - STMicroelectronics AN4402 Datasheet HTML 19Page - STMicroelectronics AN4402 Datasheet HTML 20Page - STMicroelectronics AN4402 Datasheet HTML 21Page - STMicroelectronics AN4402 Datasheet HTML 22Page - STMicroelectronics AN4402 Datasheet HTML 23Page - STMicroelectronics AN4402 Datasheet HTML 24Page - STMicroelectronics AN4402 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DocID025557 Rev 1
21/39
AN4402
Demagnetization energy
38
3.4
Clamping energy at high battery voltage
3.4.1
Qualitative analysis when the gate-drain clamp is active
The gate-drain clamp is activated
As we will see, the theoretical condition with RL = 0Ω doesn’t provide accurate results,
especially when VBAT is close or equal to VCL_LS.
However, we can draw two qualitative observations from the simplified expression of
EDEMAG (Equation 17).
Equation 17:
EDEMAG is higher than the energy stored in the inductor
Since VBAT < VCL_LS, we see from the simplified expression of EDEMAG(Equation 17), that
the dissipated energy in the output MOSFET is higher than the energy stored in the inductor
(). This is due to the fact that the battery provides additional energy to the output
MOSFET during the turn-off phase.
EDEMAG increases faster than a square function of VBAT
IL0 is proportional to the battery voltage (), and the term
is proportional
to the square of IL0 and therefore to the square of VBAT.
RL > 0 Ω
No parallel resistor to the
inductor: RP = +
Equation 26
with
RL = 0 Ω
RP = +
Equation 27
with
Table 7. EDEMAG2_HS with VBAT > VCL_LS – VCL_HS (continued)
Conditions
EDEMAG2_HS: VBAT > VCL_LS – VCL_HS
L
R
L
------- V
CL_LS IL0
V
CL_LS
V
BAT
R
L
---------------------------------------
V
CL_LS
V
CL_LS
V
BAT
---------------------------------------



ln



I
L0
V
BAT
R
L
--------------
=
1
2
--- LI
L0
2
V
CL_LS
V
CL_LS
V
BAT
---------------------------------------



I
L0
V
BAT
R
L
--------------
=
E
DEMAG_LS
R
P
+
R
L
0
lim
E
DEMAG2_LS
R
P
+
R
L
0
lim
1
2
---LIL0
2
V
CL_LS
V
CL_LS
V
BAT
----------------------------------------



==
1
2
--- LI
L0
2
I
L0
V
BAT
R
L
--------------
=
1
2
--- LI
L0
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com