Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 26Page - STMicroelectronics AN4402 Datasheet HTML 27Page - STMicroelectronics AN4402 Datasheet HTML 28Page - STMicroelectronics AN4402 Datasheet HTML 29Page - STMicroelectronics AN4402 Datasheet HTML 30Page - STMicroelectronics AN4402 Datasheet HTML 31Page - STMicroelectronics AN4402 Datasheet HTML 32Page - STMicroelectronics AN4402 Datasheet HTML 33Page - STMicroelectronics AN4402 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Energy capability and load compatibility
AN4402
30/39
DocID025557 Rev 1
Figure 16 displays the maximum allowed current of outputs 1, 2 or 3 (configurable outputs)
in low-side configuration, driving an inductive load. Different conditions (single or repetitive
pulses) and start temperature (junction temperature right before the switch-off phase of the
MOSFET) are considered. The test conditions for these curves are VBAT = 13.5 V and
RL = 0 Ω. These conditions are different from the application conditions and are therefore
not directly applicable to our specific case.
One way to verify the load compatibility consists in building the curve EDEMAG,MAX versus
the corresponding tDEMAG from the relevant I-L plot of Figure 16, where EDEMAG,MAX is the
maximum energy which the device can sustain.
Condition 1: The jump start conditions (VBAT,MAX = 24 V) have a very low probability of
occurrence. The single pulse is applicable. From Figure 17, we see that the energy
capability of the device for a single pulse at 11.7ms is higher than the energy dissipated in
the application conditions.
Figure 17. EDEMAG_MAX vs tDEMAG for a single pulse TJSTART = 150°C
Condition 2 (VBAT,TYP = 13.5 V) corresponds to the nominal conditions with TJ = 100 °C:
The repetitive pulse condition is applicable. Building the curve EDEMAG,MAX versus the
corresponding tDEMAG for repetitive pulses at TJSTART = 100 °C from Figure 16, we obtain
Table 14 and Figure 18.
Table 13. EDEMAG_MAX and corresponding tDEMAG for a single pulse, TJSTART = 150°C,
RL = 0 Ω, VBAT = 13.5 V
L [mH]
IL0 [A]
tDEMAG [ms]
RL = 0 Ω VBAT = 13.5 V
EDEMAG_MAX [mJ]
RL = 0 Ω VBAT = 13.5 V
400
0.542
9.9
93
500
0.536
12.2
114
600
0.530
14.4
134
700
0.525
16.7
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com