Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 31Page - STMicroelectronics AN4402 Datasheet HTML 32Page - STMicroelectronics AN4402 Datasheet HTML 33Page - STMicroelectronics AN4402 Datasheet HTML 34Page - STMicroelectronics AN4402 Datasheet HTML 35Page - STMicroelectronics AN4402 Datasheet HTML 36Page - STMicroelectronics AN4402 Datasheet HTML 37Page - STMicroelectronics AN4402 Datasheet HTML 38Page - STMicroelectronics AN4402 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
With parallel resistor
to the inductor
RL > 0Ω
with
with
, valid if
Without parallel
resistor to the inductor
RL > 0Ω
with
Without parallel
resistor to the inductor
RL = 0Ω
with
Table 17. Demagnetization time and demagnetization energy for a high-side configured output (continued)
VBAT
range
Load conditions
tDEMAG_HS
Demagnetization time
EDEMAG_HS
Demagnetization energy in the high-side configured output
L
R
L
------- ln
V
CL_LS
V
CL_LS
V
BAT
–
---------------------------------------
R
L// Rp
R
L
--------------------



R
L//Rp
R
pRL
R
p
R
L
+
--------------------
=
V
CL_LS
τ
R
L
------- VCL_LS
τ
R
L// Rp
-------------------- VCL_LS VBAT
–
()
–
1
R
p
R
L
R
p
+
--------------------
V
CL_LS
V
CL_LS
V
BAT
–
---------------------------------------
⋅



ln
+



τ
L
R
L
-------
=
R
p
V
CL_LS
V
BAT
–
V
BAT
--------------------------------------- R
L
>
L
R
L
------- ln
V
CL_LS
V
CL_LS
V
BAT
–
---------------------------------------



L
R
L
------- V
CL_LS IL0
V
CL_LS
V
BAT
–
R
L
---------------------------------------
V
CL_LS
V
CL_LS
V
BAT
–
---------------------------------------



ln
–



I
L0
V
BAT
R
L
--------------
=
LI
L0
V
CL_LS
V
BAT
–
---------------------------------------
1
2
--- LIL0
2
V
CL_LS
V
CL_LS
V
BAT
–
---------------------------------------



I
L0
V
BAT
R
L
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com