Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 19Page - STMicroelectronics AN4402 Datasheet HTML 20Page - STMicroelectronics AN4402 Datasheet HTML 21Page - STMicroelectronics AN4402 Datasheet HTML 22Page - STMicroelectronics AN4402 Datasheet HTML 23Page - STMicroelectronics AN4402 Datasheet HTML 24Page - STMicroelectronics AN4402 Datasheet HTML 25Page - STMicroelectronics AN4402 Datasheet HTML 26Page - STMicroelectronics AN4402 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
DocID025557 Rev 1
23/39
AN4402
Demagnetization energy
38
3.4.2
Example of a low-side configured output of the L99MC6
Figure 13 shows that under the considered conditions (Table 8), the simplification RL = 0 Ω
leads to a significant overestimation of the dissipated energy in the low-side driver. The
overestimation is even greater as VBAT increases (Table 9).
Figure 13. EDEMAG_LS vs VBAT – Example of a low-side output of the L99MC6
Figure 14 displays the relative evolution of EDEMAG with VBAT. The reference is for
Table 8. Low-side output - conditions
Parameter
Value
L
512 mH
RL
46
Ω
RP
400
Ω
VCL_LS
35 V (typical value of the L99MC6)
Table 9. Overestimation of EDEMAG caused by the simplification: RL = 0 Ω
VBAT
EDEMAG [mJ]
RL > 0Ω, RP = 400Ω
EDEMAG [mJ]
RL = 0Ω (w/o RP)
Overestimation of EDEMAG
[mJ] with RL = 0 Ω
6V
0.9
5.2
4.3
10V
6.6
17
11.4
16V
26.9
57.1
30.2
24V
83.6
221
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com