Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 27Page - STMicroelectronics AN4402 Datasheet HTML 28Page - STMicroelectronics AN4402 Datasheet HTML 29Page - STMicroelectronics AN4402 Datasheet HTML 30Page - STMicroelectronics AN4402 Datasheet HTML 31Page - STMicroelectronics AN4402 Datasheet HTML 32Page - STMicroelectronics AN4402 Datasheet HTML 33Page - STMicroelectronics AN4402 Datasheet HTML 34Page - STMicroelectronics AN4402 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
DocID025557 Rev 1
31/39
AN4402
Energy capability and load compatibility
38
Figure 18. EDEMAG_MAX vs tDEMAG for repetitive pulse TJSTART = 100°C
However, the data provided by the datasheet for repetitive pulse conditions at
TJSTART = 100 °C have demagnetization times which are longer than 4.2 ms (calculated in
step1).
Another possibility to calculate EDEMAG_MAX for a given tDEMAG consists in using the empiric
property:
is constant.
For example, using the first row of Table 14, we have:
Table 14. EDEMAG_MAX and corresponding tDEMAG for a repetitive pulse with
TJSTART = 100 °C, RL = 0 Ω, VBAT = 13.5 V
L
[mH]
IL0
[A]
TDEMAG [ms]
RL=0Ω VBAT=13.5V
EDEMAG_MAX [mJ]
RL=0Ω VBAT=13.5V
400
0.434
7.9
60
500
0.430
9.8
74
600
0.425
11.6
86
700
0.421
13.4
99
E
DEMAG_MAX
t
DEMAG
------------------------------------
E
DEMAG_MAX2
E
DEMAG_MAX1
t
DEMAG2
t
DEMAG1
------------------------
60
4.2
7.9
--------
43.7mJ
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com