Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 24Page - STMicroelectronics AN4402 Datasheet HTML 25Page - STMicroelectronics AN4402 Datasheet HTML 26Page - STMicroelectronics AN4402 Datasheet HTML 27Page - STMicroelectronics AN4402 Datasheet HTML 28Page - STMicroelectronics AN4402 Datasheet HTML 29Page - STMicroelectronics AN4402 Datasheet HTML 30Page - STMicroelectronics AN4402 Datasheet HTML 31Page - STMicroelectronics AN4402 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Energy capability and load compatibility
AN4402
28/39
DocID025557 Rev 1
The L99MC6 provides data under the following conditions:
•
Single pulse, with TJSTART = 150°C: it is applicable for switch-off conditions, which
occur rarely
•
Repetitive pulse with TJSTART=125°C: it is applicable for switch-off conditions, with a
high occurrence rate. It is applicable with time between two occurrences is long enough
to allow the junction temperature to decrease to 125°C
•
Repetitive pulse with TJSTART=100°C: it is applicable for switch-off conditions, with a
high occurrence rate. It is applicable if the time between two occurrences is long
enough to allow the junction temperature to decrease to 100°C
Even if EDEMAG dissipated in the application conditions is below the maximal energy
allowed by the device with the same inductance (at RL = 0 Ω and RL = 13.5 V), it does not
automatically mean that the load compatibility is given. Indeed, it is possible that a lower
EDEMAG in the application conditions is dissipated in a shorter time (tDEMAG), resulting in a
higher power dissipation and therefore a higher junction temperature increase.
The developer must verify that the energy which has been calculated in the step1 is below
the maximum energy capability of the device with the corresponding demagnetization time.
Step3: Confirmation by measurements
It is recommended to perform bench tests in the real application conditions.
This phase is key because it allows verifying that the load data (inductance and resistance),
which are used for the calculations in step1 and step2, are representative of the real
application. It avoids either an underdimensioning of the system and therefore unexpected
failures, or overdimensioning with the involved extra-costs for external protection devices.
Some sources of mismatch between calculations and measurement can be:
•
A mismatch between the calculation RL and the real RL. Indeed, RL is in general
specified only at room temperature. Since the winding is made of copper, its resistance
is subject to variations due to temperature.
•
measuring the inductance with a LCR meter by applying a small AC signal does not
take into account the impact of the DC voltage bias of the inductance in the real
application
•
the decrease of the inductance at high currents (saturation of the inductor) might not be
taken into account
•
self-heating effects of the load on RL and L are not considered
4.2
Example of L99MC6 driving a relay with a low-side driver
Table 12. Application conditions
Parameter
Value
Type of output
Configurable output (OUT1,2 or 3), configured as low-side switch
L512 mH
RL
46
Ω
RP
400
Ω
VCL_LS
35V (typical value of the L99MC6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com