Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 10Page - STMicroelectronics AN4402 Datasheet HTML 11Page - STMicroelectronics AN4402 Datasheet HTML 12Page - STMicroelectronics AN4402 Datasheet HTML 13Page - STMicroelectronics AN4402 Datasheet HTML 14Page - STMicroelectronics AN4402 Datasheet HTML 15Page - STMicroelectronics AN4402 Datasheet HTML 16Page - STMicroelectronics AN4402 Datasheet HTML 17Page - STMicroelectronics AN4402 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Demagnetization energy
AN4402
14/39
DocID025557 Rev 1
Figure 8. Equivalent electrical diagram of the turn-off phase of an inductive load
driven by a low-side configured output, without parallel resistor to the load
VL is negative during the turn-off phase according to the used sign convention, since
diL/dt < 0.
Equation 14
Equation 15
The theoretical case where RL = 0Ω is considered by using VBAT= RLIL0 for RL> 0:
Equation 16
Using the Maclaurin development of order 2 of
for x in the vicinity
of 0 with
, we obtain:
lim
R
P
+
∞
→
E
DEMAG_LS
L
R
L
-------VCL_LS IL0
V
CL_LS
V
BAT
–
R
L
----------------------------------------
V
CL_LS
V
CL_LS
V
BAT
–
----------------------------------------



ln
–



=
lim
R
P
+
∞
→
t
DEMAG_LS
L
R
L
-------
V
CL_LS
V
CL_LS
V
BAT
–
----------------------------------------



ln
=
V
CL_LS
V
CL_LS
V
BAT
–
----------------------------------------



ln
V
CL_LS
V
BAT
R
LIL0
+
–
V
CL_LS
V
BAT
–
--------------------------------------------------------------



ln
1
R
LIL0
V
CL_LS
V
BAT
–
----------------------------------------
+



ln
=
=
1x
+
()
ln
x
x
2
2
------
–
0x
2
()
+
=
x
R
LIL0
V
CL_LS
V
BAT
–
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com