Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 18Page - STMicroelectronics AN4402 Datasheet HTML 19Page - STMicroelectronics AN4402 Datasheet HTML 20Page - STMicroelectronics AN4402 Datasheet HTML 21Page - STMicroelectronics AN4402 Datasheet HTML 22Page - STMicroelectronics AN4402 Datasheet HTML 23Page - STMicroelectronics AN4402 Datasheet HTML 24Page - STMicroelectronics AN4402 Datasheet HTML 25Page - STMicroelectronics AN4402 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Demagnetization energy
AN4402
22/39
DocID025557 Rev 1
Moreover the factor
increases rapidly as VBAT gets closer to the clamping voltage. The impact of this term is
sometimes overlooked, although it is responsible for a drastic increase of the clamp energy
at high VBAT.
Assuming that the inductance is constant, independently from the current level IL0 (no
saturation of the inductance), the demagnetization energy increases faster than a square
function of VBAT, especially when the battery voltage is close to the clamping voltage.
Figure 12. Contribution of the factor 1 / (1 - (VCL_LS/VBAT)) to the increase EDEMAG with
VBAT
The gate-source clamp is activated
From Equation 24, we observe that the dissipated energy in a high-side configured output,
when the gate-source clamp is activated exceeds the energy stored in the inductor. It is also
due to the additional energy which is supplied by the battery during the turn-off phase.
Equation 24:
Moreover, the demagnetization energy in this case increases faster than a square function
of VBAT due to the additional term:
.
V
CL_LS
V
CL_LS
V
BAT
–
----------------------------------------
1
1
V
CL_LS
V
BAT
-------------------
–
-----------------------------
=
E
DEMAG1_HS
R
P
+
∞
→
R
L
0
→
lim
1
2
--- LI
L0
2
V
CL_HS
V
BAT
+
V
CL_HS
----------------------------------------



=
1
V
BA T
V
CL_HS
-------------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com