Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 23Page - STMicroelectronics AN4402 Datasheet HTML 24Page - STMicroelectronics AN4402 Datasheet HTML 25Page - STMicroelectronics AN4402 Datasheet HTML 26Page - STMicroelectronics AN4402 Datasheet HTML 27Page - STMicroelectronics AN4402 Datasheet HTML 28Page - STMicroelectronics AN4402 Datasheet HTML 29Page - STMicroelectronics AN4402 Datasheet HTML 30Page - STMicroelectronics AN4402 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
DocID025557 Rev 1
27/39
AN4402
Energy capability and load compatibility
38
4
Energy capability and load compatibility
Although the avalanche condition is prevented by the active clamp, the inductive energy
capability of the L99MC6 and L9733 is limited. As the MOSFET operates in linear mode with
a high VDS, a high power is dissipated during the turn-off phase. The sudden increase of the
junction temperature causes a stress to the device. The maximum device capability must
not be exceeded in order to avoid permanent damages.
This aspect must be taken into account during the development phase.
It is possible to identify two main mechanisms that can lead to the device failure:
•
The temperature during the demagnetization rises quickly (depending on the
inductance) and the uneven energy distribution on the power surface can cause the
presence of a hot spot causing the device failure with a single pulse.
•
Like in normal operation, the lifetime of the device is affected by the fast thermal
variation as described by the Coffin-Manson law. A repetitive demagnetization energy
causing a temperature variation above 60K will cause a shorter life time.
These considerations lead to two simple design rules:
•
The energy dissipated in the application conditions during the corresponding
demagnetization time must be lower than the device capability for the same tDEMAG.
•
In case of a repetitive pulse, the average temperature variation of the device should not
exceed 60K at turn-off.
To fulfill these rules, the designer must calculate the energy dissipated in the output mosfet
at turn-off and the corresponding tDEMAG and then compare it with the device capability as
shown in the example Section 4.2.
4.1
Guideline
Step1: Calculation of tDEMAG and EDEMAG
This step consists in calculating the demagnetization time and energy dissipated in the
output under the defined load and application conditions. The relevant formulas are
collected in Table 16 and Table 17.
Step2: Maximum energy capability of the device at the relevant tDEMAG
The designer must determine the device output capability in terms of demagnetization
energy from the datasheet relevant curve with the same demagnetization time.
Note that the curve providing the current capability for inductive loads of the L99MC6 is valid
for the specific conditions: VBAT = 13.5V and RL = 0 Ω (Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com