Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4402 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 12Page - STMicroelectronics AN4402 Datasheet HTML 13Page - STMicroelectronics AN4402 Datasheet HTML 14Page - STMicroelectronics AN4402 Datasheet HTML 15Page - STMicroelectronics AN4402 Datasheet HTML 16Page - STMicroelectronics AN4402 Datasheet HTML 17Page - STMicroelectronics AN4402 Datasheet HTML 18Page - STMicroelectronics AN4402 Datasheet HTML 19Page - STMicroelectronics AN4402 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Demagnetization energy
AN4402
16/39
DocID025557 Rev 1
We verify that the condition on RP (Equation 10) is satisfied: RP must be higher than 79 Ω.
Using the formulas of Table 2, we have:
Figure 9. EDEMAG_LS vs RP
RP dissipates a part of the energy stored in the inductor. As RP decreases, iP increases and
the amount of energy transferred from the inductor to RP increases as well.
Table 3. Example of application parameters
Parameter
Value
VBAT
13V
L512mH
RL
46
Ω
RP
200
Ω - 10kΩ and no R
P (RP →+ ∞)
VCL_LS
35V (typical value of the L99MC6)
Table 4. Energy parameters vs RP values
RP [Ω]tDEMAG_LS [ms]
EDEMAG_LS [mJ]
EDEMAG_LS decrease due to
RP [mJ]
200
2.9
8.3
15.3
300
3.6
12.4
11.2
400
4.0
14.8
8.8
600
4.3
17.5
6.1
1k
4.7
19.8
3.8
10k
5.1
23.2
0.4
No RP ( RP →+ ∞)
5.2
23.6
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com