Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 10Page - STMicroelectronics AN910 Datasheet HTML 11Page - STMicroelectronics AN910 Datasheet HTML 12Page - STMicroelectronics AN910 Datasheet HTML 13Page - STMicroelectronics AN910 Datasheet HTML 14Page - STMicroelectronics AN910 Datasheet HTML 15Page - STMicroelectronics AN910 Datasheet HTML 16Page - STMicroelectronics AN910 Datasheet HTML 17Page - STMicroelectronics AN910 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
14/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
Table 3. High-end to low-end MCU strong and weak points (cont’d)
MCU
Strong points
Weak points
68HC11
(4 MHz)
instruction processing:
medium 8/16-bit ALU:
long average ICT:
lacking instructions:
multitasking:
memory space:
interrupt processing:
standard (no prefetch)
2500 ns 8x8 multiplication
1500 to 1750 ns
compare & branch like
decrement & branch like
no special capabilities
64 kbytes
one interrupt at a time
recommended
no program priority register
hardware fixed priorities
68HC08
(8 MHz)
instruction processing:
fast 8-bit ALU:
special addr. modes:
special instructions:
large memory space:
1-byte prefetch queue
8-bit datapath
625 ns 8x8 multiplication
indexed with 8-bit offset or
post-increment
memory-to-memory moves
compare & branch like
decrement & branch like
up to 4 Mbytes with memory
expansion module
medium average ICT:
lacking addr. modes:
multitasking:
interrupt processing:
500 to 625 ns
no indirect addressing
no special capabilities
one interrupt at a time
recommended
no program priority register
hardware fixed priorities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com