Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 19Page - STMicroelectronics AN910 Datasheet HTML 20Page - STMicroelectronics AN910 Datasheet HTML 21Page - STMicroelectronics AN910 Datasheet HTML 22Page - STMicroelectronics AN910 Datasheet HTML 23Page - STMicroelectronics AN910 Datasheet HTML 24Page - STMicroelectronics AN910 Datasheet HTML 25Page - STMicroelectronics AN910 Datasheet HTML 26Page - STMicroelectronics AN910 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
23/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
Table 7. Computing performance code size measures
(1) The 80C51 results are preliminary results. They may changed in later versions.
Table 8. Computing performance code size ratios
Code size
measures (bytes)
80C51XA
(20 MHz)
68HC16
(16 MHz)
68HC12
(8 MHz)
ST9+
(25 MHz)
ST9
(12 MHz)
H8/300
(10 MHz)
68HC11
(4 MHz)
68HC08
(8 MHz)
ST7
(8 MHz)
ST7
(4 MHz)
80C51(1)
(20 MHz)
1
sieve
49
68
73
48
48
54
2
acker(3,5)
73
68
62
88
88
86
80
3
acker(3,6)
73
68
62
88
88
86
80
4
string
57
52
43
50
50
52
54
61
53
53
76
5
char
31
26
21
29
29
28
20
22
22
22
61
6
bubble(10 words)
41
44
40
44
44
42
57
106
88
88
155
7
bubble(600 words)
41
44
40
44
44
42
57
(764)
(764)
8
blkmov(64 bytes)
18
20
15
17
17
12
13
13
14
14
12
9
blkmov(512 bytes)
18
20
19
17
17
24
13
44
44
12
10
convert
24
32
22
23
23
22
29
14
22
22
16
11
16mul
10
10
7
44
44
40
62
66
66
66
55
12
shright
8
14
11
10
10
12
14
16
15
15
14
13
bitsrt
340
304
310
261
261
138
233
260
290
290
219
Code size
ratios
80C51XA
(20 MHz)
68HC16
(16 MHz)
68HC12
(8 MHz)
ST9+
(25 MHz)
ST9
(12 MHz)
H8/300
(10 MHz)
68HC11
(4 MHz)
68HC08
(8 MHz)
ST7
(8 MHz)
ST7
(4 MHz)
80C51(1)
(20 MHz)
1
sieve
1.02
1.42
1.52
1.00
1.00
1.13
2
acker(3,5)
0.80
0.77
0.71
1.00
1.00
0.98
0.91
3
acker(3,6)
0.83
0.77
0.71
1.00
1.00
0.98
0.91
4
string
1.14
1.04
0.86
1.00
1.00
1.04
1.08
1.22
1.06
1.06
1.52
5
char
1.07
0.90
0.720
1.00
1.00
0.97
0.69
0.76
0.76
0.76
2.10
6
bubble(10 words)
0.93
1.00
0.91
1.00
1.00
0.96
1.30
2.41
2.00
2.00
3.52
7
bubble(600 words)
0.93
1.00
0.91
1.00
1.00
0.96
1.30
(17.4)
(17.4)
8
blkmov(64 bytes)
1.06
1.18
0.88
1.00
1.00
0.71
0.77
0.77
0.82
0.82
0.71
9
blkmov(512 bytes)
1.06
1.18
1.12
1.00
1.00
1.41
0.77
2.60
2.60
0.71
10
convert
1.04
1.40
0.96
1.00
1.00
0.96
1.26
0.61
0.96
0.96
0.70
11
16mul
0.23
0.23
0.16
1.00
1.00
0.91
1.41
1.50
1.50
1.50
1.25
12
shright
0.80
1.40
1.10
1.00
1.00
1.20
1.40
1.60
1.50
1.50
1.40
13
bitsrt
1.30
1.17
1.19
1.00
1.00
0.53
0.89
1.00
1.11
1.11
0.84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com