Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 31Page - STMicroelectronics AN910 Datasheet HTML 32Page - STMicroelectronics AN910 Datasheet HTML 33Page - STMicroelectronics AN910 Datasheet HTML 34Page - STMicroelectronics AN910 Datasheet HTML 35Page - STMicroelectronics AN910 Datasheet HTML 36Page - STMicroelectronics AN910 Datasheet HTML 37Page - STMicroelectronics AN910 Datasheet HTML 38Page - STMicroelectronics AN910 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
35/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
7.3.8 68HC08 MCU core
On-chip/Off-chip buses
- on-chip buses
16-bit address bus
8-bit data/program memory bus
- off-chip buses
8/16-bit address bus
up to 22-bit with memory expansion module
8-bit data/program memory bus
the two buses are multiplexed with ports
Memory Space
Von Neumann organization
- linear data/program memory space
64 kbytes
up to 4 Mbytes with memory expansion module
256-byte zero page
58-byte peripheral register space
direct addressable
upper 256-byte interrupt vector table = 128 interrupts
Arithmetic Logic Unit
8-bit datapath
- 8-bit operations
- special functions
8x8 unsigned multiplication
5 cycles
16/8 unsigned integer division
7 cycles
Instruction processing
Prefetch mechanism
- 1-byte queue
opcode lookahead register
Cpu internal buses
16-bit address bus, 8-bit data bus
(to be confirmed)
Instruction set
Cisc encoding
- CPI
1 cycle to 9 cycles
- average CPI
between 4 and 5 cycles
- IL
1 byte to 4 bytes
- average IL
between 2 and 3 bytes
- special addressing modes
indexed with 8-bit offset and post-increment
stack pointer relative (8/16-bit offset)
- special instructions
compare & branch like
decrement & branch like
memory-to-memory moves
direct to direct
direct
↔ indexed with post-increment
Programming model
Accumulator
- one 8-bit accumulator
- one 16-bit index register
- other registers
16-bit program counter
16-bit stack pointer
condition code register
+ / x
68HC08 CPU
LDA
#8, X
ADD #A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com