Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 42Page - STMicroelectronics AN910 Datasheet HTML 43Page - STMicroelectronics AN910 Datasheet HTML 44Page - STMicroelectronics AN910 Datasheet HTML 45Page - STMicroelectronics AN910 Datasheet HTML 46Page - STMicroelectronics AN910 Datasheet HTML 47Page - STMicroelectronics AN910 Datasheet HTML 48Page - STMicroelectronics AN910 Datasheet HTML 49Page - STMicroelectronics AN910 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
46/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
9 MEASUREMENT PROCEEDING AND CALCULATION
This section describes measurement proceeding and calculation for computing performance
test routines only. Interrupt processing performance test routines are not concerned
(see <Italic>6.2 Core interrupt processing performance<Italic end> for details on measure
and calculation).
9.1 MEASUREMENT PROCEEDING
The parameters measured are execution time and code size. The first has been measured
on MCU boards (thanks to an oscilloscope) whenever possible, or with the assembly code.
The second has been measured on the assembly code.
To facilitate execution time measurement, assembly code has been divided in two parts. The
first, called Assignments & Initializations in the source code, contains the initialization of the
MCU and data and then a call to the test routine; which is included in the second part, called
Test Loop. The first part ends with an infinite loop. The execution time and code size will
obviously be measured on Test Loop part.
9.1.1 Execution time measure
An I/O pin is used to make the measure, thanks to a digital oscilloscope. This I/O pin is
configured as an output, with a push-pull, and interrupts are disabled in the initialization part.
The pin used for each MCU is detailed in Table 13.
Table 13. I/O pins for execution time measuring
The Test Loop routine begins with the set of the I/O pin. This marks the beginning of the test
MCU name
I/O pin for measure
80C51XA
pin 0 of port 2
68HC16
pin 2 of port E
68HC12
pin 7 of port E
ST9+
pin 0 of port 4
ST9
pin 0 of port 4
H8/300
pin 0 of port 6
68HC11
pin 0 of port B
68HC08
pin 0 of port A
ST7
pin 0 of port B
80C51
pin 0 of port 1
KS88
pin 0 of port 2 (for 88C0504)
pin 0 of port 4 (for 88C0116)
78K0
pin 0 port 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com