Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 25Page - STMicroelectronics AN910 Datasheet HTML 26Page - STMicroelectronics AN910 Datasheet HTML 27Page - STMicroelectronics AN910 Datasheet HTML 28Page - STMicroelectronics AN910 Datasheet HTML 29Page - STMicroelectronics AN910 Datasheet HTML 30Page - STMicroelectronics AN910 Datasheet HTML 31Page - STMicroelectronics AN910 Datasheet HTML 32Page - STMicroelectronics AN910 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
29/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
7.3.2 68HC16 MCU core
Memory Spaces
Harvard organization
- pseudo-linear data/program memory space
data memory space
16 banks of 64 kbytes each = 1 Mbyte
peripheral registers in last segment
program memory space
16 banks of 64 kbytes each = 1 Mbyte
first 512-byte interrupt vector table = 207 interrupts
On-chip/Off-chip buses
- on-chip buses
16-bit address bus + 4-bit extension (= 20 bits)
extensible up to 24 bits
8/16-bit multiplexed data/program memory bus
- off-chip buses
16-bit address bus + 4-bit extension (= 20 bits)
extensible up to 24 bits
8/16-bit multiplexed data/program memory bus
the two buses are multiplexed with ports
Arithmetic Logic Unit
16-bit datapath
- 8/16/32-bit operations
- special functions
8x8 unsigned multiplication
10 cycles
16x16 (un)signed multiplications
(8)10 cycles
16x16 fractional signed multiplication8 cycles
32/16 (un)signed divisions
(24)38 cycles
16/16 fractional unsigned division
22 cycles
16/16 integer division
22 cycles
mac signed 16-bit fractions
12 cycles
r(epeat) mac signed 16-bit fractions 6+12n cycles
Instruction processing
Prefetch mechanism
- 3-stage queue
stage A : latched opcode
stage B : executing opcode
stage C : hold opcode
- predecoding
- word operand even/odd alignment
substantial performance penalty if odd alignment
Cpu internal buses
16-bit address bus, 16-bit data bus
(to be confirmed)
Instruction set
Cisc encoding
- CPI
2 cycles to 38 cycles
- average CPI
between 6 and 7 cycles
- IL
2 bytes to 6 bytes (even)
- average IL
between 3 and 4 bytes
- special addressing modes
accumulator offset
indexed with 8/16/20-bit offset
post-modified indexed mode with 8-bit offset
- special instructions
32-bit long integer manipulations
exchange register contents
push/pull multiple registers
memory-to-memory moves
extended
↔ post-modified indexed
extended
↔ extended
mac and r(epeat)mac instructions
LDAA
#8, X
ADDA #A0
+ / x
Programming model
Accumulators
- two 16-bit accumulators
useable as one 32-bit accumulator
first addressable as two 8-bit registers
- three 16-bit index registers
with 4-bit extension
- others registers
16-bit program counter (with 4-bit extension)
16-bit stack pointer (with 4-bit extension)
condition code register
two 16-bit & one 36-bit & one 16-bit mac registers
operand registers, result register, mask register
- extension fields
four 4-bit index address extension fields
one 4-bit stack address extension fields
- multitasking capabilities
context switching with extension fields
68HC16 CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com