Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 17Page - STMicroelectronics AN910 Datasheet HTML 18Page - STMicroelectronics AN910 Datasheet HTML 19Page - STMicroelectronics AN910 Datasheet HTML 20Page - STMicroelectronics AN910 Datasheet HTML 21Page - STMicroelectronics AN910 Datasheet HTML 22Page - STMicroelectronics AN910 Datasheet HTML 23Page - STMicroelectronics AN910 Datasheet HTML 24Page - STMicroelectronics AN910 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
21/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
6 COMPLETE NUMERICAL RESULTS
Here are the tables with the complete numerical results.
6.1 CORE COMPUTING PERFORMANCE
The first two tables (Table 5 and Table 6) concern execution time with the values measured
in milliseconds and the ratios calculated with ST9+ MCU as reference. The next two tables
(Table 7 and Table 8) concern code size with the values measured in bytes and the ratios
calculated with ST9+ MCU as reference. The last two tables (Table 9 and Table 10) present
global execution time ratios and global code size ratios with reduced and full set of tests.
Refer to section 9 for measurement proceeding and calculation description.
Notes: The reduced set of tests includes string, char, bubble(10 words), blkmov(64 bytes),
convert, 16mul, shright, bitrst tests. They are in boldface characters.
Numbers with parenthesis have been judged out of range and have not been taken
into account. In fact, it means that this specific test was absolutely unadapted to this
specific MCU. Only some tests, which are not include in the reduced set, are
concerned.
6.2 CORE INTERRUPT PROCESSING PERFORMANCE
Table 11 concerns execution time with the values measured in microseconds, showing
interrupt latency & return time, the total time, and the ratios calculated with ST9+ MCU as
reference. Table 12 concerns code size with the values measured in bytes and the ratios
calculated with ST9+ MCU as reference.
The execution time has only been calculated theoretically with the assembly code, like
computing performance theoretical execution time (see <Italic>9.1.1 Execution time
measure<Italic end>). The result is the sum of the interrupt latency (execution time of the
longest instruction and interrupt entry time) and the execution time of the interrupt service
routine. The code size has been calculated with the assembly code.
Legend:
x.xx
best results
x.xx
worst results
Legend:
x.xx
best results
x.xx
worst results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com