Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 27Page - STMicroelectronics AN910 Datasheet HTML 28Page - STMicroelectronics AN910 Datasheet HTML 29Page - STMicroelectronics AN910 Datasheet HTML 30Page - STMicroelectronics AN910 Datasheet HTML 31Page - STMicroelectronics AN910 Datasheet HTML 32Page - STMicroelectronics AN910 Datasheet HTML 33Page - STMicroelectronics AN910 Datasheet HTML 34Page - STMicroelectronics AN910 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
31/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
7.3.4 ST9+ MCU core
On-chip/Off-chip buses
- on-chip buses
16-bit address bus
8/16-bit data/program memory bus
8-bit register bus
- off-chip buses
8/16-bit address bus
up to 22-bit with memory management unit
8-bit multiplexed data/program memory bus
the two buses may be multiplexed
the two buses are multiplexed with ports
Memory Spaces
Harvard organization
- register file space
224 bytes of general purpose registers
system, on-chip peripheral, and i/o port registers
- linear data/program memory space
data memory space
up to 256 segments of 16 kbytes each = 4 Mbytes
program memory space
up to 64 segments of 64 kbytes each = 4 Mbytes
256-byte interrupt vector table = 128 interrupts
user-programmable location
Cpu internal buses
16-bit address
8-bit data multiplexed bus
Instruction set
Cisc encoding
- CPI
2 cycles to 26 cycles
- average CPI
between 10 and 12 cycles
- IL
1 byte to 6 bytes
- average IL
between 3 and 4 bytes
- special addressing modes
bit access to whole register file
register pair (two 8-bit registers as one 16-bit)
register direct/indirect
indirect with pre/post-increment
indexed (short, long, register, memory)
- special instructions
exchange register contents
bit test & set
decrement & branch like
memory-to-memory moves
register indirect to reg. ind., both post-increment
Instruction processing
Prefetch mechanism
- next byte prefetching
as soon as instruction register is available
and address is known
Arithmetic Logic Unit
8-bit datapath
- 8/16-bit operations
- special functions
8x8 unsigned multiplication
22 cycles
16/8 unsigned divisions
26/14 cycles
32/16 stepped unsigned divisions 26 cycles
+ / x
Programming model
Register file
- general purpose registers
14 groups of sixteen 8-bit registers
- system registers
one group of sixteen 8-bit registers
flags, central interrupt control register
user/system stack pointers
mode register, page pointer
2 register group pointers
i/o port data registers
- paged registers
on-chip peripheral data and control registers
up to 64 pages of sixteen 8-bit registers
- 16-bit program counter
- multitasking capabilities
context switching with register group pointers
LDW RRd,rrs
ADD Rd,#2
ST9+ CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com