Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 11Page - STMicroelectronics AN910 Datasheet HTML 12Page - STMicroelectronics AN910 Datasheet HTML 13Page - STMicroelectronics AN910 Datasheet HTML 14Page - STMicroelectronics AN910 Datasheet HTML 15Page - STMicroelectronics AN910 Datasheet HTML 16Page - STMicroelectronics AN910 Datasheet HTML 17Page - STMicroelectronics AN910 Datasheet HTML 18Page - STMicroelectronics AN910 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
15/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
4.3 MEDIUM-END TO LOW-END MCU ANALYSIS VERSUS ST7
The Table 4 presents the strong and the weak points for medium-end to low-end MCUs,
compared to the ST7 MCU.
Notes: ICT means Instruction Cycle Time and IL means Instruction Length.
Refer to paragraph <Italic>7.2.2 Average ICT/CPI and IL<Italic end> for details on
calculation.
Refer to paragraph <Italic>7.3.9 ST7 MCU core<Italic end> to see the main characteristics of
the ST7 MCU core.
4.3.1 Computing performance results
Regarding speed, the ST7 MCU takes the second position just below the newly arrived
68HC08. With no prefetch mechanism, it comes even so ahead of all the other MCUs. A short
clock per instruction added to a standard frequency explains its short instruction cycle time
and its advantageous position. The two index registers and the indirect addressing mode
allow the ST7 to easily perform data manipulation like table manipulation and block move.
A direct addressing mode in a 256-byte zero page give a rapid access to important data
and peripheral registers.
Concerning code efficiency, the ST7 MCU ranks among the 8-bit MCUs, very closely above
the 68HC08. A standard instruction length explains its average position.
4.3.2 Interrupt processing performance results
Regarding speed, the ST7 MCU ranks very close to the 68HC08. A longer instruction cycle
time explains this tiny gap. The strong point of its interrupt management is the automatic
stacking of the cpu state, accumulator and index register. This process eliminates software
stacking, and so saves time and space.
Code efficiency results for interrupt processing performance are not really significant. The
code represents only a very small part of an entire interrupt service routine, and so no
conclusion can be made.
4.3.3 Conclusion
Global results and all its characteristics confirm the ST7 as an outstanding 8-bit MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com