Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 18Page - STMicroelectronics AN910 Datasheet HTML 19Page - STMicroelectronics AN910 Datasheet HTML 20Page - STMicroelectronics AN910 Datasheet HTML 21Page - STMicroelectronics AN910 Datasheet HTML 22Page - STMicroelectronics AN910 Datasheet HTML 23Page - STMicroelectronics AN910 Datasheet HTML 24Page - STMicroelectronics AN910 Datasheet HTML 25Page - STMicroelectronics AN910 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
22/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
Table 5. Computing performance execution time measures
(1) The 80C51 results are preliminary results. They may changed in later versions.
Table 6. Computing performance execution time ratios
Execution time
measures (ms)
80C51XA
(20 MHz)
68HC16
(16 MHz)
68HC12
(8 MHz)
ST9+
(25 MHz)
ST9
(12 MHz)
H8/300
(10 MHz)
68HC11
(4 MHz)
68HC08
(8 MHz)
ST7
(8 MHz)
ST7
(4 MHz)
80C51(1)
(20 MHz)
1
sieve
25.1
27.8
47.5
41.4
142
147
2
acker(3,5)
148
224
230
268
868
916
950
3
acker(3,6)
602
920
936
1,090
3,530
3,720
3,850
4
string
0.178
0.157
0.15
0.160
0.514
0.369
0.54
0.264
0.345
0.690
1.17
5
char
0.042
0.039
0.037
0.048
0.149
0.071
0.140
0.039
0.0070
0.140
0.142
6
bubble(10 words)
0.170
0.223
0.328
0.306
0.988
0.741
1.33
1.14
1.09
2.18
1.99
7
bubble(600 words)
638
968
1,280
1,190
3,830
3,750
5,130
4,280
8,560
8
blkmov(64 bytes)
0.025
0.035
0.037
0.057
0.174
0.036
0.259
0.078
0.153
0.305
0.233
9
blkmov(512 bytes)
0.167
0.272
0.289
0.452
1.36
0.261
2.05
1.34
2.67
(8.61)
10
convert
0.146
0.227
0.288
0.223
0.766
0.397
0.82
0.265
0.452
0.904
0.584
11
16mul
0.0019
0.0017
0.0016
0.0068
0.020
0.012
0.029
0.013
0.018
0.037
0.035
12
shright
0.0013
0.0038
0.0046
0.0034
0.011
0.010
0.017
0.0072
0.010
0.020
0.031
13
bitsrt
0.047
0.050
0.055
0.059
0.178
0.071
0.215
0.086
0.092
0.183
0.203
Execution time
ratios
80C51XA
(20 MHz)
68HC16
(16 MHz)
68HC12
(8 MHz)
ST9+
(25 MHz)
ST9
(12 MHz)
H8/300
(10 MHz)
68HC11
(4 MHz)
68HC08
(8 MHz)
ST7
(8 MHz)
ST7
(4 MHz)
80C51(1)
(20 MHz)
1
sieve
1.65
1.49
0.87
1.00
0.29
0.28
2
acker(3,5)
1.81
1.20
1.16
1.00
0.31
0.29
0.28
3
acker(3,6)
1.81
1.18
1.16
1.00
0.31
0.29
0.28
4
string
0.90
1.02
1.05
1.00
0.31
0.43
0.30
0.61
0.46
0.23
0.14
5
char
1.14
1.23
1.28
1.00
0.32
0.67
0.34
1.23
0.68
0.34
0.34
6
bubble(10 words)
1.80
1.37
0.93
1.00
0.31
0.41
0.23
0.27
0.28
0.14
0.15
7
bubble(600 words)
1.87
1.23
0.93
1.00
0.31
0.32
0.23
0.28
0.14
8
blkmov(64 bytes)
2.30
1.65
1.56
1.00
0.33
1.57
0.22
0.74
0.38
0.19
0.25
9
blkmov(512 bytes)
2.71
1.66
1.56
1.00
0.33
1.73
0.22
0.34
0.17
(0.052)
10
convert
1.54
0.98
0.78
1.00
0.29
0.56
0.27
0.84
0.49
0.25
0.38
11
16mul
3.60
3.92
4.22
1.00
0.35
0.56
0.23
0.52
0.37
0.19
0.20
12
shright
2.67
0.92
0.75
1.00
0.30
0.35
0.20
0.48
0.34
0.17
0.11
13
bitsrt
1.25
1.18
1.08
1.00
0.33
0.83
0.27
0.69
0.65
0.32
0.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com