Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 3 Page - STMicroelectronics

  AN910 Datasheet HTML 1Page - STMicroelectronics AN910 Datasheet HTML 2Page - STMicroelectronics AN910 Datasheet HTML 3Page - STMicroelectronics AN910 Datasheet HTML 4Page - STMicroelectronics AN910 Datasheet HTML 5Page - STMicroelectronics AN910 Datasheet HTML 6Page - STMicroelectronics AN910 Datasheet HTML 7Page - STMicroelectronics AN910 Datasheet HTML 8Page - STMicroelectronics AN910 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
3/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
2 OVERVIEW OF THE MCU CORES
The set of MCUs evaluated is composed of various 8-bit, 8/16-bit, and 16-bit
microcontrollers with accumulator, register file or mixed architectures.
Table 2 is an overview of the MCU cores.
Table 2. MCU cores overview
A description of the MCU work environments is available in section 5.
MCU name
Architecture
Short core description
Freq1)
1)
As the goal is to obtain the best of each MCU core, the maximum internal frequency (Freq) available, for each MCU, on
development board has been used (unless other specified). Note that results are directly proportional to this frequency.
80C51XA
PHILIPS
16-bit;
register file
eXtended Architecture (XA) of 80C51’s - upward compatible
8/16-bit register bus - 16-bit data/program memory buses
register file programming model with sixteen 16-bit banked registers
20 MHz
68HC16
MOTOROLA
16-bit;
two
accumulators
core architecture superset of 68HC11’s - upward compatible
accumulator programming model with two 16-bit accumulators, and
three 16-bit index registers (all with 4-bit extensions)
16 MHz
68HC12
MOTOROLA
16-bit;
two
accumulators
instruction set is superset of 68HC11’s - upward compatible
programming model identical to 68HC11’s
8 MHz
ST9+
STMicroelectronics
8/16-bit;
register file
evolution of the ST9
enhanced clock speed, instruction cycle time
enlarged memory space
25 MHz
ST9
STMicroelectronics
8/16-bit;
register file
8/16-bit architecture; 8-bit register bus - 16-bit memory bus
register file programming model with 14 groups of sixteen 8-bit
registers, useable as 16-bit registers
modular paged registers for access to peripheral registers
12 MHz
H8/300
HITACHI
8/16-bit;
register file
RISC-like architecture and instruction set
register file programming model with sixteen 8-bit registers
10 MHz
68HC11
MOTOROLA
8-bit;
two
accumulators
market standard 8-bit MCU
accumulator programming model with two 8-bit accumulators or
one 16-bit accumulator, and two 16-bit index registers
4 MHz
68HC08
MOTOROLA
8-bit;
accumulator
superset of the 68HC05 - upward compatible
enhanced performance and instruction set
accumulator programming model with one 8-bit accumulator, and
one 16-bit index register
8 MHz
ST7
STMicroelectronics
8-bit;
accumulator
upward compatible with the 68HC05
accumulator programming model with one 8-bit accumulator, and
two 8-bit index registers
4 MHz
8 MHz
80C51
INTEL, PHILIPS...
8-bit; register file
and accumulator
mixed accumulator and register file programming model with four
banks of eight 8-bit registers (include accumulator), and a 16-bit
data pointer
20 MHz
KS88
SAMSUNG
8-bit;
register file
core architecture superset of SUPER8’s; 8-bit register bus
register file programming model with 192 8-bit prime data registers,
and two register sets with system/peripheral/data registers
8 MHz
78K0
NEC
8-bit; register file
and accumulator
mixed accumulator and register file programming model with four
banks of eight 8-bit or four 16-bit registers (include accumulator)
10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com