Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 20Page - STMicroelectronics AN910 Datasheet HTML 21Page - STMicroelectronics AN910 Datasheet HTML 22Page - STMicroelectronics AN910 Datasheet HTML 23Page - STMicroelectronics AN910 Datasheet HTML 24Page - STMicroelectronics AN910 Datasheet HTML 25Page - STMicroelectronics AN910 Datasheet HTML 26Page - STMicroelectronics AN910 Datasheet HTML 27Page - STMicroelectronics AN910 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
24/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
Table 9. Computing performance global execution time ratios
(1) The 80C51 results are preliminary results. They may changed in later versions.
Table 10. Computing performance global code size ratios
(1) The 80C51 results are preliminary results. They may changed in later versions.
Table 11. Interrupt processing performance execution time values and ratios
Table 12. Interrupt processing performance code size values and ratios
Global execution time
ratios
80C51XA
(20 MHz)
68HC16
(16 MHz)
68HC12
(8 MHz)
ST9+
(25 MHz)
ST9
(12 MHz)
H8/300
(10 MHz)
68HC11
(4 MHz)
68HC08
(8 MHz)
ST7
(8 MHz)
ST7
(4 MHz)
80C51(1)
(20 MHz)
with reduced set of tests
1.90
1.54
1.46
1.00
0.32
0.67
0.26
0.67
0.46
0.23
0.23
with full set of tests
1.92
1.47
1.33
1.00
0.32
0.64
Global code size
ratios
80C51XA
(20 MHz)
68HC16
(16 MHz)
68HC12
(8 MHz)
ST9+
(25 MHz)
ST9
(12 MHz)
H8/300
(10 MHz)
68HC11
(4 MHz)
68HC08
(8 MHz)
ST7
(8 MHz)
ST7
(4 MHz)
80C51(1)
(20 MHz)
with reduced set of tests
0.95
1.04
0.85
1.00
1.00
0.98
1.10
1.24
1.21
1.21
1.50
with full set of tests
0.94
1.03
0.90
1.00
1.00
1.04
Execution time
values (µs) and ratios
80C51XA
(20 MHz)
68HC16
(16 MHz)
68HC12
(8 MHz)
ST9+
(25 MHz)
ST9
(12 MHz)
H8/300
(10 MHz)
68HC11
(4 MHz)
68HC08
(8 MHz)
ST7
(8 MHz)
ST7
(4 MHz)
80C51
(20 MHz)
interrupt latency & return
3.15
4.19
3.75
2.40
7.17
3.90
21.75
2.88
3.88
7.75
8.40
execution time values
4.70
7.56
6.25
4.08
12.00
8.70
17.25
5.25
6.50
13.00
10.80
execution time ratios
0.87
0.54
0.65
1.00
0.34
0.47
0.19
0.78
0.63
0.31
0.38
Code size
values and ratios
80C51XA
(20 MHz)
68HC16
(16 MHz)
68HC12
(8 MHz)
ST9+
(25 MHz)
ST9
(12 MHz)
H8/300
(10 MHz)
68HC11
(4 MHz)
68HC08
(8 MHz)
ST7
(8 MHz)
ST7
(4 MHz)
80C51
(20 MHz)
code size values (bytes)
28.5
36
16.5
19.5
19.5
33
13.5
16
16.5
16.5
19.5
code size ratios
1.46
1.85
0.85
1.00
1.00
1.70
0.69
0.82
0.85
0.85
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com