Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 15Page - STMicroelectronics AN910 Datasheet HTML 16Page - STMicroelectronics AN910 Datasheet HTML 17Page - STMicroelectronics AN910 Datasheet HTML 18Page - STMicroelectronics AN910 Datasheet HTML 19Page - STMicroelectronics AN910 Datasheet HTML 20Page - STMicroelectronics AN910 Datasheet HTML 21Page - STMicroelectronics AN910 Datasheet HTML 22Page - STMicroelectronics AN910 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
19/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
5.7 68HC11 MCU TOOLS
5.8 68HC08 MCU TOOLS
5.9 ST7 MCU TOOLS
Hardware tools
MC68HC11A8 chip
MC68HC11A8EVM evaluation board
Note that the internal chip frequency on evaluation board was 2 MHz, but as 4 MHz versions are
available, this frequency was used for results (execution time values have been divided by 2).
Note that it was not possible to emulate external RAM.
Software tools
The integrated assembler IASM11 (DOS environment) allows to blend an editor and a cross
assembler into one single environment.
A DOS environment is used to debug programs.
Hardware tools
MC68HC708XL36 chip
EML08XL36 emulator module plugged in the M68MMEVS05 modular evaluation system
(platform board for EML08XL36)
Jumpers configure both.
Software tools
Rapid, a software development tool in a DOS environment allows to execute all the operations.
It consists of a configuration program (Rinstall) and a cross assembler (CASM). Rinstall contains
a serie of data entry screens. Only CASM and the MMEV08X DOS debugger were configured
as follows:
• Cross assembler configuration: “CASM assembler” entry screen
Name and fully path: 'path_of_CASM08.exe'
Primary options: S L D
Secondary options: S L D I
• Debugger configuration: “Debugger” entry screen
Fully path: 'path_of_MMEVS08.exe'
Options: -B
Note that the assembler does not seem to manage the zero page addressing mode. Thus, the
results have been modified to take this addressing mode into account. Without zero page
addressing mode, the execution time result changes to 0.61 and the code size result increases
up to 1.43.
Hardware tools
ST7275 chip
ST7 HDS (Hardware Development System) emulator with ST7275 DBE (Dedicated Board
Emulator)
Note that measures have been made with a 4 MHz MCU, but as 8 MHz versions exist, two values
are presented with the two frequencies (for the 8 MHz version, execution time values have been
divided by 2).
Software tools
The toolchain used for the ST7 includes a meta-assembler (ASM), a generic linker (LYN), and a
generic formatter (OBSEND). These software tools are used with the following options :
asm -sym -li 'name'
lyn 'name'
asm 'name' -fi = 'name'.map
obsend 'name', f, 'name'.s19, srec
The Windows environment is used by the debugger: Windows Debugger WGDB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com