Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN910 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN910
Description  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 43Page - STMicroelectronics AN910 Datasheet HTML 44Page - STMicroelectronics AN910 Datasheet HTML 45Page - STMicroelectronics AN910 Datasheet HTML 46Page - STMicroelectronics AN910 Datasheet HTML 47Page - STMicroelectronics AN910 Datasheet HTML 48Page - STMicroelectronics AN910 Datasheet HTML 49Page - STMicroelectronics AN910 Datasheet HTML 50Page - STMicroelectronics AN910 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
47/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
routine and so the start of the measure on the oscilloscope (trigger on positive edge). The
following lines are the implementation of the algorithm. This part ends with the reset of the I/O
pin and a return of the call.
The execution time is the length of the pulse triggered with the oscilloscope. Figure 8. shows
the diagram of the way of execution time measurement proceeding.
Note that it was sometimes not possible to implement all the tests on an MCU (see
<Italic>9.2.2 Memory considerations<Italic end>). In some of these cases, test routines have
even been written and execution time has been calculated theoretically. The theoretical
execution time is simply given by dividing the number of clock cycles, calculated the assembly
source, by the internal processing frequency:
Note that experience has shown the accuracy of these theoretical calculations in front of real
measures. Thus results of both types can be compared.
Figure 8. Execution time measurement proceeding
number of clock cycles
Theoretical execution time =
internal clock frequency
Oscilloscope screen
Test routine
pulse
Execution time
Assignments &
Initializations
.....
reset I/O pin
.....
.....
Infinite Loop
Infinite Loop
Test Loop
set I/O pin
.....
.....
.....
.....
reset I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com