Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 3Page - STMicroelectronics AN2390 Datasheet HTML 4Page - STMicroelectronics AN2390 Datasheet HTML 5Page - STMicroelectronics AN2390 Datasheet HTML 6Page - STMicroelectronics AN2390 Datasheet HTML 7Page - STMicroelectronics AN2390 Datasheet HTML 8Page - STMicroelectronics AN2390 Datasheet HTML 9Page - STMicroelectronics AN2390 Datasheet HTML 10Page - STMicroelectronics AN2390 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
AN2390
Theory of operation
7/42
1.2
NiMH battery charging
The NiMH batteries uses a constant current algorithm as shown in Figure 3.
Figure 3.
Variation of NiMH battery voltage
The NiMH batteries use constant current charging. The end of charging can be detected by
using the following methods.
1.2.1
Negative delta V method
As shown in Figure 3, the voltage of the NiMH batteries drops a little at the end of charging.
So at the time, when the voltage slope versus time becomes negative, charging is stopped
and trickle charging is started.
1.2.2
Zero delta voltage method
This method is a variant of the Negative delta V method. Actually in case of NiMH, there is a
very slight drop in voltage (5-10 mV/ Cell) at the end of charging which is very difficult to
detect using a 10-bit ADC. Also there is a chance of detecting the wrong end of charging
due to noise. So instead of the negative delta voltage, we use a dV = 0 condition for a
certain time duration. This gives very good approximations for detecting the end of charging.
For this reason, this method is used in the evaluation board example instead of the negative
delta method described in Section 1.2.1.
1.2.3
Max. temperature detection method
In this case if temperature rises above a threshold, charging is stopped and trickle charging
is started.
In this demo the Zero Delta Voltage method is used as the primary technique for terminating
the charging. Time Out, Max Voltage and Max Temperature are used as the secondary or
back up methods for ending the charging.
−∆V
-10 mV/cell
Charging time (t)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com