Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 29Page - STMicroelectronics AN2390 Datasheet HTML 30Page - STMicroelectronics AN2390 Datasheet HTML 31Page - STMicroelectronics AN2390 Datasheet HTML 32Page - STMicroelectronics AN2390 Datasheet HTML 33Page - STMicroelectronics AN2390 Datasheet HTML 34Page - STMicroelectronics AN2390 Datasheet HTML 35Page - STMicroelectronics AN2390 Datasheet HTML 36Page - STMicroelectronics AN2390 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AN2390
How to use the evaluation board
33/42
The variation in the output current was around +/- 10 mA and the variation in output voltage
was +/- 20 mV. Figure 21 shows the graph of the output current versus time.
Table 9.
NiMH test results
SL No
Time (minutes)
Input voltage
(V)
Input current
(A)
Output voltage
(V)
Output current
(mA)
1
0
5
1.01
3.16
1015
2
5
5
1.01
3.165
1015
3
10
5
1.01
3.168
1015
4
15
5
1.01
3.172
1015
5
20
5
1.01
3.168
1015
6
25
5
1.01
3.16
1015
7
30
5
1.01
3.168
1015
8
35
5
1.03
3.172
1015
9
40
5
1.03
3.175
1015
10
45
5
1.03
3.186
1015
11
50
5
1.03
3.2
1015
12
55
5
1.03
3.206
1015
13
60
5
1.03
3.214
1015
14
65
5
1.03
3.223
1015
15
70
5
1.03
3.231
1015
16
75
5
1.03
3.245
1015
17
80
5
1.05
3.252
1015
18
85
5
1.05
3.264
1015
19
90
5
1.05
3.282
1015
20
95
5
1.05
3.3
1015
21
100
5
1.08
3.35
1020
22
105
5
1.08
3.4
1020
23
110
5
1.08
3.38
1020
24
115
5
1.08
3.37
1020
25
120
5
1.08
3.37
1020
26
125
5
1.08
3.37
1020
27
130
5
1.08
3.36
1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com