Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 8Page - STMicroelectronics AN2390 Datasheet HTML 9Page - STMicroelectronics AN2390 Datasheet HTML 10Page - STMicroelectronics AN2390 Datasheet HTML 11Page - STMicroelectronics AN2390 Datasheet HTML 12Page - STMicroelectronics AN2390 Datasheet HTML 13Page - STMicroelectronics AN2390 Datasheet HTML 14Page - STMicroelectronics AN2390 Datasheet HTML 15Page - STMicroelectronics AN2390 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Evaluation board implementation
AN2390
12/42
2.2.2
Current measurement
The current measurement circuit is given in Figure 6.
Figure 6.
Voltage and current measurement circuit
As shown in the above diagram, a shunt (R23) is connected in series to the battery in order
to measure the charging current. The drop across this sense resistor is further amplified by
using the OP-AMP (Operational Amplifier) LM258A for better resolution and this amplified
voltage is measured by the ST7 microcontroller using ADC channel AIN1. The amplification
factor is chosen such that the OP-AMP output has a voltage range between ground and
VDD.
2.2.3
Voltage measurement
The voltage measurement circuit is also given in Figure 6 above, where the ST7 ADC
channel, AIN0 is used for voltage measurement. In the evaluation board, while the input
supply voltage Vsupply = 5 V, the microcontroller is supplied with VDD = 3.3 V. Therefore, it is
not possible to read the battery voltage directly, but this voltage is attenuated by using a
resistor bridge (R19, R20). However, this attenuation must still allow us to make full use of the
whole ADC input range (0 to VDD).
Note:
The ST7 MCU does not measure VBAT, it measures VB, which is proportional to (VBAT + RS*
IBAT). Some calculation must be performed on the conversion results to get the actual
battery voltage.
R19
5k (0.5%)
R20
5k (0.5%)
AIN0
VB
VBAT
V+
V-
AIN8
BTI
LI-ION BATTERY
AIN1
R22
3.3k (0.5%)
13.32k (0.5%)
R24
VCC
O2
2-
2+
O1
1-
1+
GND
1
2
3
4
8
7
6
5
LM258AD
R23
0.5,1W (0.5%)
VIN
U3
th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com