Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 24Page - STMicroelectronics AN2390 Datasheet HTML 25Page - STMicroelectronics AN2390 Datasheet HTML 26Page - STMicroelectronics AN2390 Datasheet HTML 27Page - STMicroelectronics AN2390 Datasheet HTML 28Page - STMicroelectronics AN2390 Datasheet HTML 29Page - STMicroelectronics AN2390 Datasheet HTML 30Page - STMicroelectronics AN2390 Datasheet HTML 31Page - STMicroelectronics AN2390 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
How to use the evaluation board
AN2390
28/42
The role of each jumper is as follows:
J2: Used to connect NiMH Battery Charger Slot
J3: Used to connect NiMH Battery Charger Slot
RT1: RT1 is used to connect external NTC. This NTC is put close to the NiMH charger slot
to correctly monitor the NiMH battery temperature.
3.1.2
Powering and running the evaluation board
After all the jumpers are connected as described in Section 3.1.1, you can connect the
power supply. To connect the power supply there is a power jack X1 (5V, Gnd) available on
the evaluation board. You need to connect a DC power supply of (5V, 2A) to this connector.
After connecting the power supply, you need to press the Reset button on the evaluation
board for correct operation.
Now the evaluation board is in running mode and you can monitor the charging status
through LED D5 status as mentioned in Table 3.
Note:
It is necessary to press the Reset button once after connecting the power supply as the LVD
feature is not used in this evaluation board. However the LVD can be implemented in a real
application
3.2
Warnings/ Limitations
The user should be aware of the following warnings/limitations when using this evaluation
board.
1.
Only one type of battery can be charged at a time and there is no protection to prevent
shorting the batteries if they are connected simultaneously in both slots. So the user
has to make sure to connect only one battery at a time.
2.
There is no protection for reverse battery polarity connection but it can be provided on
customer request.
3.
To minimize noise spikes at the input power supply, please connect a capacitor of 100 -
220 uF between the input power supply and Gnd.
3.3
Example test results with evaluation board
3.3.1
Test environment
In this implementation of the buck-boost converter, the following values are taken into
account.
Transistor drop |VCE| (SAT) = 0.2V, Diode drop |Vd| = 0.55 V, L = 75 mH, C = 470 uF, Max
Vsense = 0.5V, Fcpu = 8 MHz, Fpwm = 16 kHz and Ambient Temperature = 24 deg C. Also the
timer is updated at 500 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com