Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 16Page - STMicroelectronics AN2390 Datasheet HTML 17Page - STMicroelectronics AN2390 Datasheet HTML 18Page - STMicroelectronics AN2390 Datasheet HTML 19Page - STMicroelectronics AN2390 Datasheet HTML 20Page - STMicroelectronics AN2390 Datasheet HTML 21Page - STMicroelectronics AN2390 Datasheet HTML 22Page - STMicroelectronics AN2390 Datasheet HTML 23Page - STMicroelectronics AN2390 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Evaluation board implementation
AN2390
20/42
2.3.3
State diagrams
A slot can be in one of the nine states as described in following table. These states are
updated periodically as described earlier in Section 2.3.1
It is important to understand that this choice of states is only one solution and that there are
many possible ways to manage the behavior of the charger.
The state transition diagram is too complex to be shown in a single figure, it has been
divided into six parts shown in Figure 12 through Figure 17. In the diagrams, 't' stands for
the timekeeper value. The rectangles represent actions performed once during a state
transition.
Table 5.
Slot state definitions
Name
Meaning
Output configuration
Slot outputs
PWM duty cycle
IDLE
Slot empty
Charge disabled,
LEDs off
Unchanged
TRI_1
1st Trickle charge state
Charge enabled,
LED blinking @ 1Hz
Updated periodically to
have Ibat = Itri_1
CI
Constant current charge
Updated periodically to
have Ibat = Iconst
CV
Constant voltage charge,
duty cycle down
Updated periodically to
have Vbat = VF
TRI_2
2nd Trickle charge state
Updated periodically to
have Ibat = Itri_2
SAT
Battery saturated
Charge disabled,
LED ON
Unchanged
EXP
Charge time expired
FAIL
Battery failure
Charge disabled,
LED blinking @ 2Hz
HEAT
Charge suspended
by overheat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com