Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 34Page - STMicroelectronics AN2390 Datasheet HTML 35Page - STMicroelectronics AN2390 Datasheet HTML 36Page - STMicroelectronics AN2390 Datasheet HTML 37Page - STMicroelectronics AN2390 Datasheet HTML 38Page - STMicroelectronics AN2390 Datasheet HTML 39Page - STMicroelectronics AN2390 Datasheet HTML 40Page - STMicroelectronics AN2390 Datasheet HTML 41Page - STMicroelectronics AN2390 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
AN2390
39/42
A.3
BOM
Table 11.
Bill of material
Index
Qty
Reference
Value / Generic
Part Number
Package
Manufact
urer
Manufacturer’s
ordering code /
Recordable Part
Number
1
1
C1
470uF/16V
RB-.2/.4
Any
26
C3, C4, C7,
C8, C9, C10
100nF
805
Any
3
1
C6
2.2 uF/ 16V
805
Any
4
1
C5
10nF
805
Any
5
1
CON1
HEADER 5X2
IDC-10B
Any
6
2
D1, D2
1N5821
DO-
201AD
ST
1N5821
7
1
D3
IN4148
DO-35-
TH
Any
8
2
D4
TL1431
TO-92
ST
TL1431AIZ
94
D5, D6, D7,
D8
LED
LED
Any
10
1
F1
FUSE2
FUSE
Any
11
1
J1
CON3
SIP-3
Any
12
1
J2
CON3
SIP-3
Any
13
1
J3
CON2
SIP-2
Any
14
1
L1
75uH/1000mA
IND
Any
15
3
Q1, Q2, Q6
2STR1215
SOT-23
ST
2STR1215
16
1
Q3
STT818B
SOT23-
6L
ST
STT818B
17
1
Q4
2STF1360
SOT-89
ST
2STF1360
18
1
Q5
2STR2215
SOT-23
ST
2STR2215
19
1
R1
330
805
Any
20
7
R5, R9, R10,
R11, R12,
R26, R27
470
805
Any
21
1
R13
68
805
Any
22
2
R14, R15
10k (1%)
805
Any
23
1
R16
4.7k (0.1%)
805
Any
24
1
R17
15k (0.1%)
805
Any
25
1
R18
4.7k (1%)
805
ST
26
2
R19, R20
5k (0.5%)
805
Any
27
1
R2, R7
100
805
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com