Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 7Page - STMicroelectronics AN2390 Datasheet HTML 8Page - STMicroelectronics AN2390 Datasheet HTML 9Page - STMicroelectronics AN2390 Datasheet HTML 10Page - STMicroelectronics AN2390 Datasheet HTML 11Page - STMicroelectronics AN2390 Datasheet HTML 12Page - STMicroelectronics AN2390 Datasheet HTML 13Page - STMicroelectronics AN2390 Datasheet HTML 14Page - STMicroelectronics AN2390 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AN2390
Evaluation board implementation
11/42
2.2
Analog measurement circuitry
2.2.1
Voltage reference generation
In the evaluation board, TL1431 is used to provide the reference voltage for the ADC
measurement as shown in Figure 5.
Figure 5.
Voltage reference generation circuit
This device provides a reference voltage to the ADC and provides a reference of precision
better than the 0.5% needed for the battery charger application.
By choosing the appropriate value of R16 and R17 with the proper accuracy, we can provide
the required reference voltage to the VAREF pin of the ST7 MCU using the following
formula:
VAREF_VALUE = 2.5 V * (1 + R16 / R17)
R16
4.7k (0.1%)
100 (1%)
R3
TL1431AIZ
R17
15k (0.1%)
D4
VAREF
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com