Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 12Page - STMicroelectronics AN2390 Datasheet HTML 13Page - STMicroelectronics AN2390 Datasheet HTML 14Page - STMicroelectronics AN2390 Datasheet HTML 15Page - STMicroelectronics AN2390 Datasheet HTML 16Page - STMicroelectronics AN2390 Datasheet HTML 17Page - STMicroelectronics AN2390 Datasheet HTML 18Page - STMicroelectronics AN2390 Datasheet HTML 19Page - STMicroelectronics AN2390 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Evaluation board implementation
AN2390
16/42
Figure 10.
NiMH battery recognition algorithm
Here if the battery current is less than a predefined threshold, switch (Q5) as shown in
Figure 9, is enabled and the battery voltage is measured if the battery voltage is lower than
the certain threshold the battery is considered connected otherwise it is considered not to
be connected to the evaluation board.
2.2.6
Power supply restrictions
The battery characteristics have a direct influence on the choice of the DC power supply.
The supply must be able to drive enough current to charge the battery, even in fast charge
mode.
●
VSUPPLY must be larger than (VCE|SAT + Vdiode + VBAT_MAX + RS* ICONST).
Also the MCU, Buck-Boost DC-DC converter, LED and OpAmp consumption must be taken
into account as well. RS is the sense resistor, indicated as R23 in Figure 6.
In this demo, a DC supply providing 5 V and 2 A is chosen which is sufficient to satisfy the
above condition.
NiMH BATT
Recog Algo
NO
Exit
YES
ENABLE THE SWITCH AND
MEASURE THE BATTERY
VOLTAGE
IF (IBAT > IOPEN)
NO
BATTERY NOT PRESENT
YES
END
BATTERY PRESENT
IF (VBAT > VOPEN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com