Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 34Page - STMicroelectronics AN2390 Datasheet HTML 35Page - STMicroelectronics AN2390 Datasheet HTML 36Page - STMicroelectronics AN2390 Datasheet HTML 37Page - STMicroelectronics AN2390 Datasheet HTML 38Page - STMicroelectronics AN2390 Datasheet HTML 39Page - STMicroelectronics AN2390 Datasheet HTML 40Page - STMicroelectronics AN2390 Datasheet HTML 41Page - STMicroelectronics AN2390 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
AN2390
40/42
28
1
R21
4.7k
805
Any
29
1
R22
3.3k (0.5%)
805
Any
30
1
R23
0.5, 1W (0.5%)
RES Axail
Any
31
1
R24
13.32k (0.5%)
805
Any
32
1
R25
10k
805
Any
33
1
R3
100 (1%)
805
Any
34
1
R4
100
805
Any
35
3
R6, R8
1k
805
Any
36
1
RT1
4.7k/NTC
RAD-0.1
Any
37
1
S1
SW-PB
PUSH
Any
38
1
U1
KF33
SO-8
ST
KF33BDTR
39
1
U2
ST72F324L
TQFP-32
ST
ST72F324LK2T6
40
1
U3
LM258AD
SO-8
ST
LM258AD
41
1
X1
Power
Connector
Euro 2 pin
Any
42
1
Y1
16MHz
XTAL-1
Any
Table 11.
Bill of material
Index
Qty
Reference
Value / Generic
Part Number
Package
Manufact
urer
Manufacturer’s
ordering code /
Recordable Part
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com