Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 25Page - STMicroelectronics AN2390 Datasheet HTML 26Page - STMicroelectronics AN2390 Datasheet HTML 27Page - STMicroelectronics AN2390 Datasheet HTML 28Page - STMicroelectronics AN2390 Datasheet HTML 29Page - STMicroelectronics AN2390 Datasheet HTML 30Page - STMicroelectronics AN2390 Datasheet HTML 31Page - STMicroelectronics AN2390 Datasheet HTML 32Page - STMicroelectronics AN2390 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AN2390
How to use the evaluation board
29/42
3.3.2
Li-ion battery charger
The following parameter values are used in the Li-ion charger:
The following values are programmed for the different phases:
1) Precharge Phase:
Here Vbat <= 3.0 V and charging current: 200 mA
2) Constant Current Phase:
Here 3.0 < Vbat < 4.2 V and charging current: 500 mA
3) Constant Voltage Phase:
Here 4.15< Vbat < 4.2 V
Table 9 shows the results of an experiment with the evaluation board charging a single Li-ion
battery.
Table 6.
Li-ion battery charger parameters
SL No
Parameter name
Value
Input Parameter
1
Input Supply Voltage
5 V
2
Max Input Supply Current
2A
Output Parameter
3
Max Battery Output Voltage
4.2V
4
Max Output Current
1000 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com