Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 10Page - STMicroelectronics AN2390 Datasheet HTML 11Page - STMicroelectronics AN2390 Datasheet HTML 12Page - STMicroelectronics AN2390 Datasheet HTML 13Page - STMicroelectronics AN2390 Datasheet HTML 14Page - STMicroelectronics AN2390 Datasheet HTML 15Page - STMicroelectronics AN2390 Datasheet HTML 16Page - STMicroelectronics AN2390 Datasheet HTML 17Page - STMicroelectronics AN2390 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Evaluation board implementation
AN2390
14/42
Figure 8.
NTC resistance value indication for Li-ion
Note:
1
Here Rheat corresponds to 45°C as the temperature limit for Heat Condition and Rcold
corresponds to 0°C as the temperature limit for Cold condition for safe charging for both Li-
ion and NiMH batteries.
2RDET is a dummy condition to detect when no battery is in the slot. This threshold is used to
detect the battery presence for Li-ion battery only. For NiMH we use a different battery
recognition scheme as explained in the following section.
2.2.5
Battery recognition mechanism
In this demo, different techniques are used for Li-ion and NiMH batteries to recognize
whether a battery is present in the evaluation board or not.
Li-ion battery recognition scheme
As explained in the previous section, for Li-Ion batteries, the in-built NTC thermistor is used
to detect battery presence as shown in Figure 8
NiMH battery recognition scheme
In this case, there is no inbuilt NTC in the NiMH as there is in a Li-ion battery. Hence we can
not use the same technique for recognizing a NiMH battery. The NiMH battery recognition
circuit is shown in Figure 9.
Rdet
Rcold
Rheat
No battery present
Cold condition
Battery under normal temperature conditions
Heat condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com