Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2390 Datasheet HTML 1Page - STMicroelectronics AN2390 Datasheet HTML 2Page - STMicroelectronics AN2390 Datasheet HTML 3Page - STMicroelectronics AN2390 Datasheet HTML 4Page - STMicroelectronics AN2390 Datasheet HTML 5Page - STMicroelectronics AN2390 Datasheet HTML 6Page - STMicroelectronics AN2390 Datasheet HTML 7Page - STMicroelectronics AN2390 Datasheet HTML 8Page - STMicroelectronics AN2390 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
AN2390
2/42
The evaluation board is powered from a 5 V supply. This supply is purposely chosen to show
the application of the modified buck-boost converter. This is because, while a buck converter
can be used to charge 2 cell NiMH battery from a 5 V supply, it is not generally suitable for
charging a 4.2 V Li-ion battery due to the presence of protection diodes and other
components which induce a voltage drop of around 1 V so you can not use a buck converter
in this case.
The modified non-inverting buck-boost converter circuit used in this application note needs
only one inductor and requires only an extra PWM signal compared to the kind of buck
converter that is normally used. By using the switches in different forms, this converter can
be used either as a buck converter or as a boost converter. Using the flexibility of the MCU,
this converter is capable of charging a wide variety of batteries as can be seen from the
evaluation board, where this converter has been used in buck converter mode to charge
NiMH batteries, while a combination of buck-boost converter and boost converter modes are
used to charge Li-ion batteries. For more details on the buck-boost converter, please refer to
AN2389.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com