Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2390 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 27Page - STMicroelectronics AN2390 Datasheet HTML 28Page - STMicroelectronics AN2390 Datasheet HTML 29Page - STMicroelectronics AN2390 Datasheet HTML 30Page - STMicroelectronics AN2390 Datasheet HTML 31Page - STMicroelectronics AN2390 Datasheet HTML 32Page - STMicroelectronics AN2390 Datasheet HTML 33Page - STMicroelectronics AN2390 Datasheet HTML 34Page - STMicroelectronics AN2390 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
AN2390
How to use the evaluation board
31/42
The total time was around 99 minutes in which the constant current phase remained for
around 30 minutes. Figure 20 shows the graph of the output current versus time.
Figure 20.
Output Current vs. Time
The variation in the output current was around +/- 10mA and the variation in output voltage
was +/- 20 mV.
3.3.3
NiMH battery charger
The following parameter values are used for the NiMH charger.
The following values are programmed for the different phases:
1) Pre-charging Phase:
Here Vbat <= 1.0 V and charging current: 0.1 C = 200 mA
Charging time taken by the battery: 10 minutes (approximately)
2) Constant Current Phase:
Charging Current = 1 A and Programmed charging time = 2 Hr
Output Current (mA) Vs Time (Minutes)
0
200
400
600
800
1000
1200
Tim e (Minutes)
Table 8.
Table 8: NiMH battery charger parameters
SL No
Parameter name
Value
Input Parameter
1
Input Supply Voltage
5 V
2
Max Input Supply Current
2 A
Output Parameter
3
Max Battery Output Voltage
1.7 V / cell
4
Output Current
1000 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com