Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 6Page - STMicroelectronics AN3311 Datasheet HTML 7Page - STMicroelectronics AN3311 Datasheet HTML 8Page - STMicroelectronics AN3311 Datasheet HTML 9Page - STMicroelectronics AN3311 Datasheet HTML 10Page - STMicroelectronics AN3311 Datasheet HTML 11Page - STMicroelectronics AN3311 Datasheet HTML 12Page - STMicroelectronics AN3311 Datasheet HTML 13Page - STMicroelectronics AN3311 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Multi-input embedded GUI library
AN3311
10/58
Doc ID 18209 Rev 1
Figure 3.
I/O expander hardware configuration on the STM3210C-EVAL
AM08449v1
Y-
1
INT
2
A0/Data
A0/Data Out
Out
3
4
5
VC
VCC
6
Data
Data in
7
IN0
8
IN1
9
GN
GND
10
10
IN2
11
11
IN3
12
12
X+
13
13
Vio
Vio
14
14
Y+
15
15
X-
16
16
U7
ST
STMPE81
811
Y-
1
INT
2
A0/Data
A0/Data Out
Out
3
4
5
VC
VCC
6
Data
Data in
7
IN0
8
IN1
9
GN
GND
10
10
IN2
11
11
IN3
12
12
X+
13
13
Vio
Vio
14
14
Y+
15
15
X-
16
16
U8
ST
STMPE81
811
R5
R56
10
10K
+3V
+3V3
I2C devic
device address:0x8
address:0x8 2
I2C devic
device address:0x8
address:0x88
+3V
+3V3
+3V
+3V3
R5
R57
100
100K
R5
R58
100
100K
TouchScreen_X+
TouchScreen_X+
TouchScreen_X-
TouchScreen_X-
TouchScreen_Y+
TouchScreen_Y+
TouchScreen_Y-
TouchScreen_Y-
EXP
EXP_I
_IO2
EXP
EXP_I
_IO3
EXP
EXP_I
_IO4
EXP
EXP_I
_IO5
EXP
EXP_I
_IO6
EXP
EXP_I
_IO7
EXP
EXP_I
_IO8
EXP
EXP_I
_IO9
EXP
EXP_I
_IO1
O10
EXP
EXP_I
_IO1
O11
EXP
EXP_I
_IO1
O12
EXP
EXP_I
_IO1
R160
R160
10
10K
R15
R159
0
+3V
+3V3
R3
R37
10
10K
R164
R164
10
10K
+3V
+3V3
C8
C89
100n
100nF
C9
C90
100n
100nF
PB6
PB7
PB1
B14
IO_Expander_SCK
IO_Expander_SDA
IO_Expander_INT
SCLK
SCLK
SDAT
SDAT
SCLK
SCLK
SDAT
SDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com