Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 28Page - STMicroelectronics AN3311 Datasheet HTML 29Page - STMicroelectronics AN3311 Datasheet HTML 30Page - STMicroelectronics AN3311 Datasheet HTML 31Page - STMicroelectronics AN3311 Datasheet HTML 32Page - STMicroelectronics AN3311 Datasheet HTML 33Page - STMicroelectronics AN3311 Datasheet HTML 34Page - STMicroelectronics AN3311 Datasheet HTML 35Page - STMicroelectronics AN3311 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Getting started with the system
AN3311
32/58
Doc ID 18209 Rev 1
Figure 11.
IAR embedded workbench main window
On the main node, where the program name located in the files window is shown, right click
the mouse button and select options. In the window which appears, select the debugger
item in the category list box, and select the proper debugging tool in the driver list box, then
press the Ok button. In the proposed example the J-Link dongle is used (Figure 12).
Press the Make icon or click on Project\Rebuild All. No error or warning should appear once
compiling has completed. Connect the J-Link tool to the USB port of the PC, and connect
the flat cable with the programming adapter. Plug the adapter into the dongle connector.
Press the debug icon, CTRL+D or click project\debug. The debugger starts to download the
firmware to the dongle through the J-Link debugger\programmer. Press the Go button, F5 or
click debug\go in order to execute the firmware in debug mode. To run the dongle in
standalone mode, press the stop debugging icon, CTRL+SHIFT+D or click debug\stop
debugging. Then remove the J-link adapter from the dongle and reset the board by
unplugging and plugging the power cable back in.
Figure 12.
IAR embedded workbench debugger options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com