Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 33Page - STMicroelectronics AN3311 Datasheet HTML 34Page - STMicroelectronics AN3311 Datasheet HTML 35Page - STMicroelectronics AN3311 Datasheet HTML 36Page - STMicroelectronics AN3311 Datasheet HTML 37Page - STMicroelectronics AN3311 Datasheet HTML 38Page - STMicroelectronics AN3311 Datasheet HTML 39Page - STMicroelectronics AN3311 Datasheet HTML 40Page - STMicroelectronics AN3311 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
AN3311
Getting started with the system
Doc ID 18209 Rev 1
37/58
The clock distribution and the interrupt settings are two components that are strongly
dependent on the target project. An example of clock rate may be 72 MHz as the maximum
speed of the current STM32 microcontroller. It can be decreased to reduce the power
consumption. The clock rate assumptions are:
●
System HCLK - 72 MHz
●
Low speed peripheral PCLK1 - 72 MHz
●
High speed peripheral PCLK2 - 36 MHz
●
Analog to digital converter ADCCLK - 36 MHz
The interrupt setting situation is very similar to clock distribution. The library functions
involved with interrupt managing do not take the priorities into account; they only perform
very necessary and absolutely common settings to make them serviceable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com