Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 17Page - STMicroelectronics AN3311 Datasheet HTML 18Page - STMicroelectronics AN3311 Datasheet HTML 19Page - STMicroelectronics AN3311 Datasheet HTML 20Page - STMicroelectronics AN3311 Datasheet HTML 21Page - STMicroelectronics AN3311 Datasheet HTML 22Page - STMicroelectronics AN3311 Datasheet HTML 23Page - STMicroelectronics AN3311 Datasheet HTML 24Page - STMicroelectronics AN3311 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
AN3311
STM3210C-EVAL demonstration board
Doc ID 18209 Rev 1
21/58
46
PB9
User button
Remove R104
48
3.3 V
50
GND
Table 7.
Daughterboard extension connector CN8 (continued)
Pin
Description
Alternate function
How to disconnect with function block on STM3210C-
EVAL board
Table 8.
Daughterboard extension connector CN9
Pin
Description
Alternate function
How to disconnect with function block on STM3210C-
EVAL board
1GND
-
3
PD14
MC
Keep JP22 open. Disconnect STM3210C-EVAL board from
motor power drive board.
5
PD12
Ethernet
Remove RS2
7
PD10
Ethernet/smartcard
Keep JP11 open
9
PC13 button
B3
IDD_CNT_EN /
Anti-tamper button
B4
Keep JP1 open
11
RESET#
-
13
PB15
I2S_DIN
15
PB13
I2S_CK/Ethernet
Remove RS3
17
PB11
Ethernet
Remove RS3
19
D5V
-
21
PE14
Smartcard_CMDVCC
Remove R166
23
25
PE12
MC
Disconnect STM3210C-EVAL board from motor power drive
board
27
PE10
MC
29
PE8
MC
31
PE7
Smartcard_OFF
Remove R69
33
PB1
MC
Remove R168
35
PC5
VBAT_voltage
Remove R154
37
PA7
MC
Remove R169
39
GND
41
PA4
Micro-SD card/
Audio_DAC
Keep JP15 open
43
PA2
Ethernet
Remove R162
45
PC3
Ethernet
Remove RS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com