Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 14Page - STMicroelectronics AN3311 Datasheet HTML 15Page - STMicroelectronics AN3311 Datasheet HTML 16Page - STMicroelectronics AN3311 Datasheet HTML 17Page - STMicroelectronics AN3311 Datasheet HTML 18Page - STMicroelectronics AN3311 Datasheet HTML 19Page - STMicroelectronics AN3311 Datasheet HTML 20Page - STMicroelectronics AN3311 Datasheet HTML 21Page - STMicroelectronics AN3311 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
STM3210C-EVAL demonstration board
AN3311
18/58
Doc ID 18209 Rev 1
4.12
JTAG debugging connector CN13
Figure 7.
JTAG debugging connector CN13 viewed from above the PCB
5
RESET
RESET#
22
BL_GND
GND
23
BL_Control
+5 V
24
VDD
3.3 V
25
VCI
3.3 V
26
GND
GND
27
GND
GND
28
BL_VDD
+5 V
29
SDO
PC11
30
SDI
PC12
31
XL
I/O Expander
32
XR
I/O Expander
33
YD
I/O Expander
34
YU
I/O Expander
Table 5.
LCD module (continued)
3.2" TFT LCD with touchscreen
CN14 (default)
Pin on CN14
Description
Pin connection
Table 6.
JTAG debugging connector CN13
Pin number
Description
Pin number
Description
1
3.3 V power
2
3.3 V power
3
PB4
4
GND
5PA15
6
GND
7PA13
8
GND
9PA14
10
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com