Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 50 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 46Page - STMicroelectronics AN3311 Datasheet HTML 47Page - STMicroelectronics AN3311 Datasheet HTML 48Page - STMicroelectronics AN3311 Datasheet HTML 49Page - STMicroelectronics AN3311 Datasheet HTML 50Page - STMicroelectronics AN3311 Datasheet HTML 51Page - STMicroelectronics AN3311 Datasheet HTML 52Page - STMicroelectronics AN3311 Datasheet HTML 53Page - STMicroelectronics AN3311 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Schematics
AN3311
50/58
Doc ID 18209 Rev 1
9.6
I/O expander
Figure 31.
I/O expander schematic
AM08497v1
Y-
1
INT
2
A0/Data Out
3
SCLK
4
SDAT
5
VCC
6
Data in
7
IN0
8
IN1
9
GND
10
IN2
11
IN3
12
X+
13
Vio
14
Y+
15
X-
16
U7
STMPE811
Y-
1
INT
2
A0/Data Out
3
SCLK
4
SDAT
5
VCC
6
Data in
7
IN0
8
IN1
9
GND
10
IN2
11
IN3
12
X+
13
Vio
14
Y+
15
X-
16
U8
STMPE811
R56
10K
+3V3
I2C device address:0x82
I2C device address:0x88
+3V3
+3V3
R57
100K
R58
100K
IO_Expander_SCK
IO_Expander_SDA
IO_Expander_INT
TouchScreen_X+
TouchScreen_X-
TouchScreen_Y+
TouchScreen_Y-
EXP_IO2
EXP_IO3
EXP_IO4
EXP_IO5
EXP_IO6
EXP_IO7
EXP_IO8
EXP_IO9
EXP_IO10
EXP_IO11
EXP_IO12
EXP_IO1
R160
10K
R159
0
+3V3
R37
10K
R164
10K
+3V3
C89
100nF
C90
100nF
PB6
PB7
PB14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com