Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 12Page - STMicroelectronics AN3311 Datasheet HTML 13Page - STMicroelectronics AN3311 Datasheet HTML 14Page - STMicroelectronics AN3311 Datasheet HTML 15Page - STMicroelectronics AN3311 Datasheet HTML 16Page - STMicroelectronics AN3311 Datasheet HTML 17Page - STMicroelectronics AN3311 Datasheet HTML 18Page - STMicroelectronics AN3311 Datasheet HTML 19Page - STMicroelectronics AN3311 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
STM3210C-EVAL demonstration board
AN3311
16/58
Doc ID 18209 Rev 1
4.5
Clock source
Two clock sources are available on the STM3210C-EVAL demonstration board for
STM32F107VC, and RTC is embedded.
●
X2, 32 kHz crystal for embedded RTC
●
X3, 25 MHz crystal with socket for an STM32F107VC microcontroller, it can be
removed from the socket when an internal RC clock is used.
4.6
Reset source
The reset signal of the STM3210C-EVAL board is low active and the reset sources include:
●
Reset button, B1
●
Debugging tools from JTAG connector CN13 and trace connector CN12
●
Daughterboard from CN9
●
RS-232 connector CN6 for ISP.
Table 3.
Boot related switches
Switch
Boot from
Configuration
SW1 and SW2
STM3210C-EVAL boots from user Flash when SW2 is set as shown on
the right. SW1 setting does not matter in this configuration. (Default)
STM3210C-EVAL boots from system memory when SW1 and SW2 are
set as shown:
STM3210C-EVAL boots from embedded SRAM when SW1 and SW2
are set as shown:
Table 4.
Reset related jumper
Jumper
Description
JP20
Enables reset of the STM32F107VC embedded JTAG TAP controller each
time a system reset occurs. JP20 connects the TRST signal from the JTAG
connection with the system reset signal RESET#.
Default setting: not fitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com