Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 10Page - STMicroelectronics AN3311 Datasheet HTML 11Page - STMicroelectronics AN3311 Datasheet HTML 12Page - STMicroelectronics AN3311 Datasheet HTML 13Page - STMicroelectronics AN3311 Datasheet HTML 14Page - STMicroelectronics AN3311 Datasheet HTML 15Page - STMicroelectronics AN3311 Datasheet HTML 16Page - STMicroelectronics AN3311 Datasheet HTML 17Page - STMicroelectronics AN3311 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
STM3210C-EVAL demonstration board
AN3311
14/58
Doc ID 18209 Rev 1
Figure 6.
STM3210C-EVAL demonstration board layout
4.3
Power supply
The STM3210C-EVAL demonstration board is designed to be powered by a 5 V DC power
supply and protected by PolyZen from a wrong power plug-in event. It is possible to
configure the demonstration board to use any of the following three sources for the power
supply:
●
5 V DC power adapter connected to CN18, the power jack on the board (PSU on silk
screen for power supply unit)
●
5 V DC power with 500 mA limitation from CN2, the USB mini-AB connector (USB on
silkscreen)
●
5 V DC power from both CN8 and CN9, the extension connector for the daughterboard
(DTB for daughterboard on silkscreen).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com