Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3311 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 13Page - STMicroelectronics AN3311 Datasheet HTML 14Page - STMicroelectronics AN3311 Datasheet HTML 15Page - STMicroelectronics AN3311 Datasheet HTML 16Page - STMicroelectronics AN3311 Datasheet HTML 17Page - STMicroelectronics AN3311 Datasheet HTML 18Page - STMicroelectronics AN3311 Datasheet HTML 19Page - STMicroelectronics AN3311 Datasheet HTML 20Page - STMicroelectronics AN3311 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
AN3311
STM3210C-EVAL demonstration board
Doc ID 18209 Rev 1
17/58
4.7
Joystick
The joystick is four-directional and includes a selection key.
4.8
Pushbuttons
The following pushbuttons are provided:
●
Key: user pushbutton
●
Tamper: user pushbutton
●
Wake-up: pushbutton used to wake up the processor from low-power mode.
4.9
Storage memory
The ZigBee adapter has a 64-Kbit I2C/RF dual interface memory (M24LR64-r) on board,
and it is connected to the I2C1 peripheral of the MCU.
The I2C address of the memory can be set by using the jumpers JP1 and JP2 on the ZigBee
adapter and must be different from the one already present on the STM3210C-EVAL (with
address 0xA0).
4.10
Development and debug support
The two debug connectors available on the STM3210C-EVAL demonstration board are:
1.
CN13, standard 20-pin JTAG interface connector which is compliant with the debug
tools of ARM7 and ARM9
2.
CN12, SAMTEC 20-pin connector FTSH-110-01-L-DV for both SWD and trace which is
compliant with ARM CoreSightTM debug tools
4.11
Display and input devices
The 3.2" TFT color LCD connected to SPI3 and 4 general purpose color LED's (LED 1, 2, 3,
4) are available as display devices.
A touchscreen connected to an I/O expander (U7), a 4-direction joystick with selection key, a
general purpose button (B3), a wake-up button (B2), and a tamper detection button (B4) are
available as input devices.
Table 5.
LCD module
3.2" TFT LCD with touchscreen
CN14 (default)
Pin on CN14
Description
Pin connection
1
CS
PB2
2RS
-
3
WR/SCL
PC10
4RD
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com